Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 136 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 136 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 132Page - Renesas Technology Corp M30620ECFS Datasheet HTML 133Page - Renesas Technology Corp M30620ECFS Datasheet HTML 134Page - Renesas Technology Corp M30620ECFS Datasheet HTML 135Page - Renesas Technology Corp M30620ECFS Datasheet HTML 136Page - Renesas Technology Corp M30620ECFS Datasheet HTML 137Page - Renesas Technology Corp M30620ECFS Datasheet HTML 138Page - Renesas Technology Corp M30620ECFS Datasheet HTML 139Page - Renesas Technology Corp M30620ECFS Datasheet HTML 140Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 621 page
background image
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Serial I/O
121
Note: When using multiple pins to output the transfer clock, the following requirements must be met:
• UART1 internal/external clock select bit (bit 3 at address 03A816) = “0”.
UART transmit/receive control register 2
Symbol
Address
When reset
UCON
03B016
X00000002
b7
b6
b5
b4
b3
b2
b1
b0
Bit
name
Bit
symbol
W
R
Function
(During UART mode)
Function
(During clock synchronous
serial I/O mode)
CLKMD0
CLKMD1
RCSP
UART0 transmit
interrupt cause select bit
UART0 continuous
receive mode enable bit
0 : Continuous receive
mode disabled
1 : Continuous receive
mode enable
UART1 continuous
receive mode enable bit
CLK/CLKS select bit 0
UART1 transmit
interrupt cause select bit
0 : Transmit buffer empty (Tl = 1)
1 : Transmission completed
(TXEPT = 1)
0 : Transmit buffer empty (Tl = 1)
1 : Transmission completed
(TXEPT = 1)
0 : Normal mode
(CLK output is CLK1 only)
1 : Transfer clock output
from multiple pins
function selected
0 : Continuous receive
mode disabled
1 : Continuous receive
mode enabled
Nothing is assigned.
In an attempt to write to this bit, write “0”. The value, if read, turns out to be indeterminate.
0 : Transmit buffer empty (Tl = 1)
1 : Transmission completed
(TXEPT = 1)
0 : Transmit buffer empty (Tl = 1)
1 : Transmission completed
(TXEPT = 1)
Must always be “0”
U0IRS
U1IRS
U0RRM
U1RRM
0 : CTS/RTS shared pin
1 : CTS/RTS separated
0 : CTS/RTS shared pin
1 : CTS/RTS separated
Separate CTS/RTS bit
Invalid
Invalid
Invalid
CLK/CLKS select
bit 1 (Note)
Valid when bit 5 = “1”
0 : Clock output to CLK1
1 : Clock output to CLKS1
UART2 special mode register
Symbol
Address
When reset
U2SMR
037716
0016
b7
b6
b5
b4 b3
b2
b1
b0
Bit
name
Bit
symbol
W
R
Function
(During UART mode)
Function
(During clock synchronous
serial I/O mode)
ABSCS
ACSE
SSS
IIC mode selection bit
Bus busy flag
0 : STOP condition detected
1 : START condition detected
SCLL sync output
enable bit
Bus collision detect
sampling
clock select bit
Arbitration lost detecting
flag control bit
0 : Normal mode
1 : IIC mode
0 : Update per bit
1 : Update per byte
IICM
ABC
BBS
LSYN
0 : Ordinary
1 : Falling edge of RxD2
0 : Disabled
1 : Enabled
Transmit start condition
select bit
Must always be “0”
0 : Rising edge of transfer
clock
1 : Underflow signal of timer A0
Auto clear function
select bit of transmit
enable bit
0 : No auto clear function
1 : Auto clear at occurrence of
bus collision
Must always be “0”
Must always be “0”
Must always be “0”
Must always be “0”
Must always be “0”
Must always be “0”
Note: Nothing but "0" may be written.
(Note)
0
Reserved bit
Always set to “0”
Figure 1.19.8. Serial I/O-related registers (5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com