Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 173 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 173 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 169Page - Renesas Technology Corp M30620ECFS Datasheet HTML 170Page - Renesas Technology Corp M30620ECFS Datasheet HTML 171Page - Renesas Technology Corp M30620ECFS Datasheet HTML 172Page - Renesas Technology Corp M30620ECFS Datasheet HTML 173Page - Renesas Technology Corp M30620ECFS Datasheet HTML 174Page - Renesas Technology Corp M30620ECFS Datasheet HTML 175Page - Renesas Technology Corp M30620ECFS Datasheet HTML 176Page - Renesas Technology Corp M30620ECFS Datasheet HTML 177Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 621 page
background image
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
A-D Converter
158
(2) Repeat mode
In repeat mode, the pin selected using the analog input pin select bit is used for repeated A-D conversion.
Table 1.20.3 shows the specifications of repeat mode. Figure 1.20.5 shows the A-D control register in
repeat mode.
A-D control register 0 (Note 1)
Symbol
Address
When reset
ADCON0
03D616
00000XXX2
b7
b6
b5
b4
b3
b2
b1
b0
Analog input pin
select bit
CH0
Bit symbol
Bit name
Function
CH1
CH2
A-D operation mode
select bit 0
MD0
MD1
Trigger select bit
0 : Software trigger
1 : ADTRG trigger
TRG
ADST
A-D conversion start flag
0 : A-D conversion disabled
1 : A-D conversion started
Frequency select bit 0
0 : fAD/4 is selected
1 : fAD/2 is selected
CKS0
W
R
A-D control register 1 (Note)
Symbol
Address
When reset
ADCON1
03D716
0016
Bit name
Function
Bit symbol
b7
b6
b5
b4
b3
b2
b1
b0
A-D sweep pin
select bit
SCAN0
SCAN1
MD2
BITS
8/10-bit mode select bit
0 : 8-bit mode
1 : 10-bit mode
VCUT
OPA0
Vref connect bit
OPA1
A-D operation mode
select bit 1
1 : Vref connected
External op-amp
connection mode bit
W
R
01
Invalid in repeat mode
0
0 0 0 : AN0 is selected
0 0 1 : AN1 is selected
0 1 0 : AN2 is selected
0 1 1 : AN3 is selected
1 0 0 : AN4 is selected
1 0 1 : AN5 is selected
1 1 0 : AN6 is selected
1 1 1 : AN7 is selected
(Note 2)
b2 b1 b0
0 1 : Repeat mode
(Note 2)
b4 b3
0 0 : ANEX0 and ANEX1 are not used
0 1 : ANEX0 input is A-D converted
1 0 : ANEX1 input is A-D converted
1 1 : External op-amp connection mode
b7 b6
1
Note 1: If the A-D control register is rewritten during A-D conversion, the conversion
result is indeterminate.
Note 2: When changing A-D operation mode, set analog input pin again.
Frequency select bit 1
0 : fAD/2 or fAD/4 is selected
1 : fAD is selected
CKS1
0 : Any mode other than repeat sweep mode 1
Note: If the A-D control register is rewritten during A-D conversion, the conversion
result is indeterminate.
Figure 1.20.5. A-D conversion register in repeat mode
Item
Specification
Function
The pin selected by the analog input pin select bit is used for repeated A-D conversion
Star condition
Writing “1” to A-D conversion start flag
Stop condition
Writing “0” to A-D conversion start flag
Interrupt request generation timing
None generated
Input pin
One of AN0 to AN7, as selected
Reading of result of A-D converter
Read A-D register corresponding to selected pin
Table 1.20.3. Repeat mode specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com