Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 177 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 177 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 173Page - Renesas Technology Corp M30620ECFS Datasheet HTML 174Page - Renesas Technology Corp M30620ECFS Datasheet HTML 175Page - Renesas Technology Corp M30620ECFS Datasheet HTML 176Page - Renesas Technology Corp M30620ECFS Datasheet HTML 177Page - Renesas Technology Corp M30620ECFS Datasheet HTML 178Page - Renesas Technology Corp M30620ECFS Datasheet HTML 179Page - Renesas Technology Corp M30620ECFS Datasheet HTML 180Page - Renesas Technology Corp M30620ECFS Datasheet HTML 181Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 621 page
background image
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
A-D Converter
162
(a) Sample and hold
Sample and hold is selected by setting bit 0 of the A-D control register 2 (address 03D416) to “1”. When
sample and hold is selected, the rate of conversion of each pin increases. As a result, a 28 fAD cycle is
achieved with 8-bit resolution and 33 fAD with 10-bit resolution. Sample and hold can be selected in all
modes. However, in all modes, be sure to specify before starting A-D conversion whether sample and
hold is to be used.
(b) Extended analog input pins
In one-shot mode and repeat mode, the input via the extended analog input pins ANEX0 and ANEX1 can
also be converted from analog to digital.
When bit 6 of the A-D control register 1 (address 03D716) is “1” and bit 7 is “0”, input via ANEX0 is
converted from analog to digital. The result of conversion is stored in A-D register 0.
When bit 6 of the A-D control register 1 (address 03D716) is “0” and bit 7 is “1”, input via ANEX1 is
converted from analog to digital. The result of conversion is stored in A-D register 1.
(c) External operation amp connection mode
In this mode, multiple external analog inputs via the extended analog input pins, ANEX0 and ANEX1, can
be amplified together by just one operation amp and used as the input for A-D conversion.
When bit 6 of the A-D control register 1 (address 03D716) is “1” and bit 7 is “1”, input via AN0 to AN7 is
output from ANEX0. The input from ANEX1 is converted from analog to digital and the result stored in the
corresponding A-D register. The speed of A-D conversion depends on the response of the external op-
eration amp. Do not connect the ANEX0 and ANEX1 pins directly. Figure 1.20.9 is an example of how to
connect the pins in external operation amp mode.
Analog
input
External op-amp
AN0
AN7
AN1
AN2
AN3
AN4
AN5
AN6
ANEX1
ANEX0
Resistor ladder
Successive conversion register
Comparator
Figure 1.20.9. Example of external op-amp connection mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com