Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 179 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 179 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 175Page - Renesas Technology Corp M30620ECFS Datasheet HTML 176Page - Renesas Technology Corp M30620ECFS Datasheet HTML 177Page - Renesas Technology Corp M30620ECFS Datasheet HTML 178Page - Renesas Technology Corp M30620ECFS Datasheet HTML 179Page - Renesas Technology Corp M30620ECFS Datasheet HTML 180Page - Renesas Technology Corp M30620ECFS Datasheet HTML 181Page - Renesas Technology Corp M30620ECFS Datasheet HTML 182Page - Renesas Technology Corp M30620ECFS Datasheet HTML 183Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 621 page
background image
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
D-A Converter
164
Figure 1.21.2. D-A control register
D-A control register
Symbol
Address
When reset
DACON
03DC16
0016
b7
b6
b5
b4
b3
b2
b1
b0
D-A0 output enable bit
DA0E
Bit symbol
Bit name
Function
R W
0 : Output disabled
1 : Output enabled
D-A1 output enable bit
0 : Output disabled
1 : Output enabled
DA1E
Nothing is assigned.
In an attempt to write to these bits, write “0”. The value, if read, turns out to be “0”
D-A register
Symbol
Address
When reset
DAi (i = 0,1)
03D816, 03DA16
Indeterminate
W
R
b7
b0
Function
R W
Output value of D-A conversion
VREF
AVSS
2R
R
2R
R
2R
R
2R
R
2R
R
2R
R
2R
R
2R
2R
DA0
MSB
LSB
D-A0 output enable bit
“0”
“1”
D-A0 register0
Note 1: The above diagram shows an instance in which the D-A register is assigned 2A16.
Note 2: The same circuit as this is also used for D-A1.
Note 3: To reduce the current consumption when the D-A converter is not used, set the D-A output enable bit to 0 and set the D-A register to 0016
so that no current flows in the resistors Rs and 2Rs.
“0”
“1”
Figure 1.21.3. D-A converter equivalent circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com