Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 181 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 181 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 177Page - Renesas Technology Corp M30620ECFS Datasheet HTML 178Page - Renesas Technology Corp M30620ECFS Datasheet HTML 179Page - Renesas Technology Corp M30620ECFS Datasheet HTML 180Page - Renesas Technology Corp M30620ECFS Datasheet HTML 181Page - Renesas Technology Corp M30620ECFS Datasheet HTML 182Page - Renesas Technology Corp M30620ECFS Datasheet HTML 183Page - Renesas Technology Corp M30620ECFS Datasheet HTML 184Page - Renesas Technology Corp M30620ECFS Datasheet HTML 185Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 621 page
background image
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
CRC
166
b15
b0
(1) Setting 000016
CRC data register
CRCD
[03BD16, 03BC16]
b0
b7
b15
b0
(2) Setting 0116
CRC input register
CRCIN
[03BE16]
2 cycles
After CRC calculation is complete
CRC data register
CRCD
[03BD16, 03BC16]
118916
Stores CRC code
b0
b7
b15
b0
(3) Setting 2316
CRC input register
CRCIN
[03BE16]
After CRC calculation is complete
CRC data register
CRCD
[03BD16, 03BC16]
0A4116
Stores CRC code
The code resulting from sending 0116 in LSB first mode is (1000 0000). Thus the CRC code in the generating polynomial,
(X16 + X12 + X5 + 1), becomes the remainder resulting from dividing (1000 0000) X16 by (1 0001 0000 0010 0001) in
conformity with the modulo-2 operation.
Thus the CRC code becomes (1001 0001 1000 1000). Since the operation is in LSB first mode, the (1001 0001 1000 1000)
corresponds to 118916 in hexadecimal notation. If the CRC operation in MSB first mode is necessary in the CRC operation
circuit built in the M16C, switch between the LSB side and the MSB side of the input-holding bits, and carry out the CRC
operation. Also switch between the MSB and LSB of the result as stored in CRC data.
1 0001 0000 0010 0001
1000 0000 0000 0000 0000 0000
1000 1000 0001 0000 1
1000 0001 0000 1000 0
1000 1000 0001 0000 1
1001 0001 1000 1000
1000 1000
LSB
MSB
LSB
MSB
98
1
1
Modulo-2 operation is
operation that complies
with the law given below.
0 + 0 = 0
0 + 1 = 1
1 + 0 = 1
1 + 1 = 0
-1 = 1
Figure 1.22.3. Calculation example using the CRC calculation circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com