Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 186 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 186 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 182Page - Renesas Technology Corp M30620ECFS Datasheet HTML 183Page - Renesas Technology Corp M30620ECFS Datasheet HTML 184Page - Renesas Technology Corp M30620ECFS Datasheet HTML 185Page - Renesas Technology Corp M30620ECFS Datasheet HTML 186Page - Renesas Technology Corp M30620ECFS Datasheet HTML 187Page - Renesas Technology Corp M30620ECFS Datasheet HTML 188Page - Renesas Technology Corp M30620ECFS Datasheet HTML 189Page - Renesas Technology Corp M30620ECFS Datasheet HTML 190Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 621 page
background image
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Programmable I/O Port
171
Figure 1.23.5. I/O pins
Figure 1.23.4. Programmable I/O ports (4)
P87
P86
fc
Rf
Rd
Data bus
Direction register
Pull-up selection
Port latch
"1"
Output
Direction register
Pull-up selection
Port latch
Data bus
Note :
symbolizes a parasitic diode.
Do not apply a voltage higher than Vcc to each port.
(Note)
(Note)
BYTE
BYTE signal input
CNVSS
CNVSS signal input
RESET
RESET signal input
Note 1:
symbolizes a parasitic diode.
Do not apply a voltage higher than Vcc to each pin.
Note 2: A parasitic diode on the VCC side is added to the mask ROM version.
Do not apply a voltage higher than Vcc to each pin.
(Note2)
(Note1)
(Note2)
(Note1)
(Note1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com