Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 189 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 189 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 185Page - Renesas Technology Corp M30620ECFS Datasheet HTML 186Page - Renesas Technology Corp M30620ECFS Datasheet HTML 187Page - Renesas Technology Corp M30620ECFS Datasheet HTML 188Page - Renesas Technology Corp M30620ECFS Datasheet HTML 189Page - Renesas Technology Corp M30620ECFS Datasheet HTML 190Page - Renesas Technology Corp M30620ECFS Datasheet HTML 191Page - Renesas Technology Corp M30620ECFS Datasheet HTML 192Page - Renesas Technology Corp M30620ECFS Datasheet HTML 193Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 621 page
background image
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Programmable I/O Port
174
Figure 1.23.8. Pull-up control register
Pull-up control register 0
Symbol
Address
When reset
PUR0
03FC16
0016
Bit name
Function
Bit symbol
W
R
b7
b6
b5
b4
b3
b2
b1
b0
PU00
P00 to P03 pull-up
PU01
P04 to P07 pull-up
PU02
P10 to P13 pull-up
PU03
P14 to P17 pull-up
PU04
P20 to P23 pull-up
PU05
P24 to P27 pull-up
PU06
P30 to P33 pull-up
PU07
P34 to P37 pull-up
The corresponding port is pulled
high with a pull-up resistor
0 : Not pulled high
1 : Pulled high
Pull-up control register 1
Symbol
Address
When reset
PUR1
03FD16
0016 (Note 2)
Bit name
Function
Bit symbol
W
R
b7
b6
b5
b4
b3
b2
b1
b0
PU10
P40 to P43 pull-up
PU11
P44 to P47 pull-up
PU12
P50 to P53 pull-up
PU13
P54 to P57 pull-up
PU14
P60 to P63 pull-up
PU15
P64 to P67 pull-up
PU16
P70 to P73 pull-up (Note 1)
PU17
P74 to P77 pull-up
The corresponding port is pulled
high with a pull-up resistor
0 : Not pulled high
1 : Pulled high
Note 1: Since P70 and P71 are N-channel open drain ports, pull-up is not available for them.
Note 2: When the VCC level is being impressed to the CNVSS terminal, this register becomes
to 0216 when reset (PU11 becomes to “1”).
Pull-up control register 2
Symbol
Address
When reset
PUR2
03FE16
0016
Bit name
Function
Bit symbol
W
R
b7
b6
b5
b4
b3
b2
b1
b0
PU20
P80 to P83 pull-up
PU21
P84 to P87 pull-up
(Except P85)
PU22
P90 to P93 pull-up
PU23
P94 to P97 pull-up
PU24
P100 to P103 pull-up
PU25
P104 to P107 pull-up
Nothing is assigned.
In an attempt to write to these bits, write “0”. The value, if read, turns out to be “0”.
The corresponding port is pulled
high with a pull-up resistor
0 : Not pulled high
1 : Pulled high



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com