Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 224 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 224 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 220Page - Renesas Technology Corp M30620ECFS Datasheet HTML 221Page - Renesas Technology Corp M30620ECFS Datasheet HTML 222Page - Renesas Technology Corp M30620ECFS Datasheet HTML 223Page - Renesas Technology Corp M30620ECFS Datasheet HTML 224Page - Renesas Technology Corp M30620ECFS Datasheet HTML 225Page - Renesas Technology Corp M30620ECFS Datasheet HTML 226Page - Renesas Technology Corp M30620ECFS Datasheet HTML 227Page - Renesas Technology Corp M30620ECFS Datasheet HTML 228Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 621 page
background image
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Timing (Vcc = 3V)
209
Read timing
Write timing
BCLK
CSi
ALE
RD
4ns.min
4ns.min
Hi–Z
DB
80ns.min
0ns.min
ADi
BHE
td(BCLK–WR)
60ns.max
th(BCLK–WR)
0ns.min
BCLK
CSi
td(BCLK–CS)
60ns.max
td(BCLK–AD)
ALE
th(BCLK–ALE)
th(BCLK–CS)
4ns.min
tcyc
0ns.min
th(WR–CS)
0ns.min
th(WR–AD)
ADi
BHE
td(BCLK–DB)
4ns.min
th(BCLK–DB)
td(DB–WR)
(tcyc–80)ns.min
0ns.min
th(WR–DB)
DBi
th(RD–AD)
0ns.min
td(BCLK–ALE)
60ns.max
tSU(DB–RD)
Memory Expansion Mode and Microprocessor Mode
(When accessing external memory area with wait)
Measuring conditions :
• VCC=3V
• Input timing voltage : Determined with VIL=0.48V, VIH=1.5V
• Output timing voltage : Determined with VOL=1.5V, VOH=1.5V
WR,WRL,
WRH
td(BCLK–CS)
60ns.max
th(RD–CS)
tcyc
td(BCLK–AD)
60ns.max
th(BCLK–AD)
–4ns.min
th(BCLK–ALE)
60ns.max
td(BCLK–RD)
th(BCLK–RD) 0ns.min
tac2(RD–DB)
th(RD–DB) 0ns.min
th(BCLK–AD)
60ns.max
td(BCLK–ALE) 60ns.max
–4ns.min
80ns.max
th(BCLK–CS)
4ns.min
VCC = 3V
Figure 1.26.10. VCC=3V timing diagram (4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com