Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 220 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 220 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 216Page - Renesas Technology Corp M30620ECFS Datasheet HTML 217Page - Renesas Technology Corp M30620ECFS Datasheet HTML 218Page - Renesas Technology Corp M30620ECFS Datasheet HTML 219Page - Renesas Technology Corp M30620ECFS Datasheet HTML 220Page - Renesas Technology Corp M30620ECFS Datasheet HTML 221Page - Renesas Technology Corp M30620ECFS Datasheet HTML 222Page - Renesas Technology Corp M30620ECFS Datasheet HTML 223Page - Renesas Technology Corp M30620ECFS Datasheet HTML 224Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 621 page
background image
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Timing (Vcc = 3V)
205
VCC = 3V
Switching characteristics (referenced to VCC = 3V, VSS = 0V at Ta = 25oC, CM15 = “1” unless
otherwise specified)
Table 1.26.40. Memory expansion and microprocessor modes
(when accessing external memory area with wait, and select multiplexed bus)
Symbol
Standard
Measuring condition
Max.
Min.
Parameter
Unit
td(BCLK-AD)
Address output delay time
60
ns
th(BCLK-AD)
Address output hold time (BCLK standard)
4
ns
td(BCLK-CS)
Chip select output delay time
60
ns
th(BCLK-CS)
Chip select output hold time (BCLK standard)
4
ns
ns
th(RD-AD)
Address output hold time (RD standard)
(Note)
td(BCLK-RD)
RD signal output delay time
60
ns
th(BCLK-RD)
RD signal output hold time
0
ns
ns
th(WR-AD)
Address output hold time (WR standard)
(Note)
td(BCLK-WR)
WR signal output delay time
60
ns
td(BCLK-DB)
Data output delay time (BCLK standard)
80
ns
th(BCLK-DB)
Data output hold time (BCLK standard)
4
ns
td(DB-WR)
Data output delay time (WR standard)
(Note)
ns
th(BCLK-ALE)
ALE signal output hold time (BCLK standard)
– 4
ns
td(AD-ALE)
ALE signal output delay time (Address standard)
(Note)
ns
th(ALE-AD)
ALE signal output hold time(Address standard)
50
ns
th(BCLK-WR)
WR signal output hold time
0
ns
ns
th(RD-CS)
Chip select output hold time (RD standard)
(Note)
th(WR-CS)
Chip select output hold time (WR standard)
(Note)
ns
td(AD-RD)
Post-address RD signal output delay time
ns
0
td(AD-WR)
Post-address WR signal output delay time
ns
0
tdZ(RD-AD)
Address output floating start time
ns
8
td(BCLK-ALE)
ALE signal output delay time (BCLK standard)
ns
60
Note: Calculated according to the BCLK frequency as follows:
th(RD – AD) =
f(BCLK) X 2
10
9
[ns]
th(WR – AD) =
f(BCLK) X 2
10
9
[ns]
th(RD – CS) =
f(BCLK) X 2
10
9
[ns]
th(WR – CS) =
f(BCLK) X 2
10
9
[ns]
td(DB – WR) =
f(BCLK) X 2
10
9
– 80
[ns]
X 3
td(AD – ALE) =
f(BCLK) X 2
10
9
– 45
[ns]
th(WR – DB) =
f(BCLK) X 2
10
9
[ns]
th(WR-DB)
Data output hold time (WR standard)
ns
(Note)
Figure 1.26.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com