Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 216 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 216 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 212Page - Renesas Technology Corp M30620ECFS Datasheet HTML 213Page - Renesas Technology Corp M30620ECFS Datasheet HTML 214Page - Renesas Technology Corp M30620ECFS Datasheet HTML 215Page - Renesas Technology Corp M30620ECFS Datasheet HTML 216Page - Renesas Technology Corp M30620ECFS Datasheet HTML 217Page - Renesas Technology Corp M30620ECFS Datasheet HTML 218Page - Renesas Technology Corp M30620ECFS Datasheet HTML 219Page - Renesas Technology Corp M30620ECFS Datasheet HTML 220Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 621 page
background image
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Timing (Vcc = 3V)
201
VCC = 3V
Timing requirements (referenced to VCC = 3V, VSS = 0V at Ta = 25oC unless otherwise specified)
Standard
Max.
Min.
Unit
Parameter
Symbol
ns
tw(TAL)
TAiIN input LOW pulse width
60
ns
tc(TA)
TAiIN input cycle time
150
ns
tw(TAH)
TAiIN input HIGH pulse width
60
Standard
Max.
Min.
Unit
Parameter
Symbol
ns
tc(TA)
TAiIN input cycle time
600
ns
tw(TAH)
TAiIN input HIGH pulse width
300
ns
tw(TAL)
TAiIN input LOW pulse width
300
Standard
Max.
Min.
Unit
Parameter
Symbol
ns
tc(TA)
TAiIN input cycle time
300
ns
tw(TAH)
TAiIN input HIGH pulse width
150
ns
tw(TAL)
TAiIN input LOW pulse width
150
Standard
Max.
Min.
Unit
Parameter
Symbol
ns
tw(TAH)
TAiIN input HIGH pulse width
150
ns
tw(TAL)
TAiIN input LOW pulse width
150
Standard
Max.
Min.
Unit
Parameter
Symbol
ns
tc(UP)
TAiOUT input cycle time
3000
ns
tw(UPH)
TAiOUT input HIGH pulse width
1500
ns
tw(UPL)
TAiOUT input LOW pulse width
1500
ns
tsu(UP-TIN)
TAiOUT input setup time
600
ns
th(TIN-UP)
TAiOUT input hold time
600
Table 1.26.28. Timer A input (gating input in timer mode)
Table 1.26.29. Timer A input (external trigger input in one-shot timer mode)
Table 1.26.30. Timer A input (external trigger input in pulse width modulation mode)
Table 1.26.31. Timer A input (up/down input in event counter mode)
Table 1.26.27. Timer A input (counter input in event counter mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com