Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 214 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 214 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 210Page - Renesas Technology Corp M30620ECFS Datasheet HTML 211Page - Renesas Technology Corp M30620ECFS Datasheet HTML 212Page - Renesas Technology Corp M30620ECFS Datasheet HTML 213Page - Renesas Technology Corp M30620ECFS Datasheet HTML 214Page - Renesas Technology Corp M30620ECFS Datasheet HTML 215Page - Renesas Technology Corp M30620ECFS Datasheet HTML 216Page - Renesas Technology Corp M30620ECFS Datasheet HTML 217Page - Renesas Technology Corp M30620ECFS Datasheet HTML 218Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 621 page
background image
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Electrical characteristics (Vcc = 3V)
199
VCC = 3V
Standard
Min.
Typ.
Max
tsu
RO
Resolution
Absolute accuracy
Setup time
Output resistance
Reference power supply input current
Bits
%
mA
IVREF
1.0
1.0
8
3
Symbol
Parameter
Measuring condition
Unit
20
10
4
(Note1)
RLADDER
Ladder resistance
µs
9.8
10
40
Conversion
time(8bit)
14.0
tCONV
VREF = VCC
Standard
Min.
Typ.
Max
Resolution
Absolute accuracy
Bits
LSB
VREF = VCC
±2
10
Symbol
Parameter
Measuring condition
Unit
VREF = VCC = 3V,
φAD = f(XIN)/2
Sample & hold function not available (8 bit)
k
Ω
µs
k
Ω
µs
Reference voltage
Analog input voltage
V
VIA
VREF
V
0
2.7
VCC
VREF
EPROM, One-time PROM
Mask ROM, Flash memory (5V Version)
Table 1.26.24. D-A conversion characteristics (referenced to VCC = 3V, VSS = AVSS = 0V, VREF = 3V
at Ta = 25oC, f(XIN) = 7MHZ(Note2) unless otherwise specified)
Note 1: This applies when using one D-A converter, with the D-A register for the unused D-A converter set to
“0016”. The A-D converter's ladder resistance is not included.
Also, when DA register contents are not “00”, the current IVREF always flows even though Vref may
have been set to be “unconnected” by the A-D control register.
Note 2: 10 MHZ for the mask ROM version and flash memory 5V version.
Note: 10 MHZ for the mask ROM version and flash memory 5V version.
Table 1.26.23. A-D conversion characteristics (referenced to VCC = AVCC = VREF = 3V, VSS = AVSS =
0V at Ta = 25oC, f(XIN) = 7MHZ unless otherwise specified)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com