Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 210 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 210 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 206Page - Renesas Technology Corp M30620ECFS Datasheet HTML 207Page - Renesas Technology Corp M30620ECFS Datasheet HTML 208Page - Renesas Technology Corp M30620ECFS Datasheet HTML 209Page - Renesas Technology Corp M30620ECFS Datasheet HTML 210Page - Renesas Technology Corp M30620ECFS Datasheet HTML 211Page - Renesas Technology Corp M30620ECFS Datasheet HTML 212Page - Renesas Technology Corp M30620ECFS Datasheet HTML 213Page - Renesas Technology Corp M30620ECFS Datasheet HTML 214Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 621 page
background image
t
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Timing (Vcc = 5V)
195
BCLK
CSi
ALE
–4ns.min
RD
25ns.max
0ns.min
4ns.min
4ns.min
Hi–Z
DB
0ns.min
ADi
BHE
Read timing
BCLK
CSi
ALE
25ns.max
0ns.min
4ns.min
4ns.min
Hi-Z
DB
40ns.max
4ns.min
(tcyc/2–40)ns.min
ADi
BHE
Write timing
td(BCLK–AD)
td(BCLK–ALE) th(BCLK–ALE)
tSU(DB–RD)
th(BCLK-AD)
td(BCLK–WR)
th(BCLK–DB)
td(BCLK–RD)
td(BCLK–ALE)
40ns.min
tac1(RD–DB)
Memory Expansion Mode and Microprocessor Mode
(With no wait)
WR,WRL,
WRH
td(BCLK–CS)
25ns.max
tcyc
th(BCLK–CS)
th(RD–CS)
0ns.min
25ns.max
th(BCLK–AD)
th(RD–AD)
0ns.min
th(BCLK–RD)
25ns.max
th(RD–DB)
td(BCLK–CS)
25ns.max
th(BCLK–CS)
tcyc
th(WR–CS)
0ns.min
td(BCLK–AD)
25ns.max
25ns.max
th(BCLK–ALE)
–4ns.min
th(WR–AD) 0ns.min
th(BCLK–WR)
td(BCLK–DB)
td(DB–WR)
th(WR–DB)
0ns.min
VCC = 5V
Figure 1.26.4. VCC=5V timing diagram (3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com