Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 213 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 213 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 209Page - Renesas Technology Corp M30620ECFS Datasheet HTML 210Page - Renesas Technology Corp M30620ECFS Datasheet HTML 211Page - Renesas Technology Corp M30620ECFS Datasheet HTML 212Page - Renesas Technology Corp M30620ECFS Datasheet HTML 213Page - Renesas Technology Corp M30620ECFS Datasheet HTML 214Page - Renesas Technology Corp M30620ECFS Datasheet HTML 215Page - Renesas Technology Corp M30620ECFS Datasheet HTML 216Page - Renesas Technology Corp M30620ECFS Datasheet HTML 217Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 621 page
background image
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Electrical characteristics (Vcc = 3V)
198
VCC = 3V
Table 1.26.22. Electrical characteristics (referenced to VCC = 3V, VSS = 0V at Ta = 25oC, f(XIN) =
7MHZ(Note 1) with wait)
Note 1: 10 MHZ for the mask ROM version and flash memory 5V version.
Note 2: With one timer operated using fC32.
Symbol
VOH
HIGH output voltage
VOH
VOL
LOW output
voltage
LOW output voltage
VOL
HIGH output
voltage
Standard
Typ.
Unit
Measuring condition
V
V
XOUT
2.5
2.5
V
0.5
V
XOUT
0.5
0.5
MinMax.
2.5
Parameter
IOH=-1mA
IOH=-0.1mA
IOH=-50µA
IOL=1mA
IOL=0.1mA
IOL=50µA
P00 to P07,P10 to P17,P20 to P27,
P00 to P07,P10 to P17,P20 to P27,
P30 to P37,P40 to P47,P50 to P57,
P30 to P37,P40 to P47,P50 to P57,
P60 to P67,P72 to P77,P80 to P84,
HIGHPOWER
LOWPOWER
P86,P87,P90 to P97,P100 to P107
HIGHPOWER
LOWPOWER
P60 to P67,P70 to P77,P80 to P84,
P86,P87,P90 to P97,P100 to P107
HIGHPOWER
LOWPOWER
HIGH output voltageXCOUT
With no load applied
With no load applied
3.0
1.6
V
Hysteresis
Hysteresis
HIGH input
current
IIH
LOW input
current
I IL
V RAM
RAM retention voltage
Icc
Power supply current
VT+-VT-
VT+-VT-
0.2
0.8V
0.2
1.8
V
P00 to P07,P10 to P17,P20 to P27,
P30 to P37,P40 to P47,P50 to P57,
P60 to P67,P70 to P77,P80 to P87,
P90 to P97,P100 to P107,
4.0
µA
µA
When clock is stopped
2.0
V
Square wave, no division
mA
RESET
XIN, RESET, CNVss, BYTE
VI=3V
VI=0V
-4.0
6.015.0
f(XIN)=7MHz
P00 to P07,P10 to P17,P20 to P27,
P30 to P37,P40 to P47,P50 to P57,
P60 to P67,P70 to P77,P80 to P87,
P90 to P97,P100 to P107,
XIN, RESET, CNVss, BYTE
Square wave
f(XCIN)=32kHz
40.0
µA
R fXIN
R fXCIN
Feedback resistance
XIN
Feedback resistanceXCIN
10.0
3.0
M
M
Square wave, no division
f(XIN)=10MHz
mA
8.5
21.25
EPROM,One-
time PROM
versions
Mask ROM
version
R PULLUP
120.0
k
P00 to P07,P10 to P17,P20 to P27,
P30 to P37,P40 to P47,P50 to P57,
P60 to P67,P72 to P77,P80 to P84,
P86,P87,P90 to P97,P100 to P107
LOW output voltage
V
XCOUT
0
0
With no load applied
With no load applied
HIGHPOWER
LOWPOWER
VI=0V
66.0500.0
In single-chip
mode, the
output pins are
open and other
pins are VSS
Pull-up
resistance
Ω
Ω
Ω
Square wave, no division
f(XIN)=10MHz
mA
13.5
21.25
Flash memory
5V version
EPROM,One-time
PROM, mask
ROM versions
Square wave in RAM
f(XCIN)=32kHz
µA
Flash memory
5V version
CLK4,TA2OUT to TA4OUT,NMI,
TB0IN to TB5IN, INT0 to INT5,
ADTRG, CTS0 to CTS2, CLK0 to
HOLD, RDY, TA0IN to TA4IN,
KI0 to KI3, RxD0 to RxD2, SIN3, SIN4
1.0
µA
20.0
0.9
µA
2.8
µA
f(XCIN)=32kHz
f(XCIN)=32kHz
Ta=85°C
when clock is stopped
Ta=25°C
when clock is stopped
When a WAITinstruction
is executed.
Oscillation capacity High
(Note2)
When a WAIT instruction
is executed.
Oscillation capacity Low
(Note2)
Square wave, in flash memory
f(XCIN)=32kHz
4.5
mA
Flash memory
5V version
40.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com