Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 209 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 209 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 205Page - Renesas Technology Corp M30620ECFS Datasheet HTML 206Page - Renesas Technology Corp M30620ECFS Datasheet HTML 207Page - Renesas Technology Corp M30620ECFS Datasheet HTML 208Page - Renesas Technology Corp M30620ECFS Datasheet HTML 209Page - Renesas Technology Corp M30620ECFS Datasheet HTML 210Page - Renesas Technology Corp M30620ECFS Datasheet HTML 211Page - Renesas Technology Corp M30620ECFS Datasheet HTML 212Page - Renesas Technology Corp M30620ECFS Datasheet HTML 213Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 621 page
background image
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Timing (Vcc = 5V)
194
VCC = 5V
Measuring conditions :
• VCC=5V
• Input timing voltage : Determined with VIL=1.0V, VIH=4.0V
• Output timing voltage : Determined with VOL=2.5V, VOH=2.5V
Memory Expansion Mode and Microprocessor Mode
BCLK
HOLD input
HLDA output
P0, P1, P2,
P3, P4,
P50 to P52
(Valid with or without wait)
Note: The above pins are set to high-impedance regardless of the input level of the
BYTE pin and bit (PM06) of processor mode register 0 selects the function of
ports P40 to P43.
th(BCLK–HOLD)
tsu(HOLD–BCLK)
(Valid only with wait)
td(BCLK–HLDA)
td(BCLK–HLDA)
Hi–Z
RDY input
tsu(RDY–BCLK)
th(BCLK–RDY)
BCLK
RD
(Multiplexed bus)
(Multiplexed bus)
WR, WRL, WRH
WR, WRL, WRH
(Separate bus)
RD
(Separate bus)
Figure 1.26.3. VCC=5V timing diagram (2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com