Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 208 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 208 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 204Page - Renesas Technology Corp M30620ECFS Datasheet HTML 205Page - Renesas Technology Corp M30620ECFS Datasheet HTML 206Page - Renesas Technology Corp M30620ECFS Datasheet HTML 207Page - Renesas Technology Corp M30620ECFS Datasheet HTML 208Page - Renesas Technology Corp M30620ECFS Datasheet HTML 209Page - Renesas Technology Corp M30620ECFS Datasheet HTML 210Page - Renesas Technology Corp M30620ECFS Datasheet HTML 211Page - Renesas Technology Corp M30620ECFS Datasheet HTML 212Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 621 page
background image
t
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Timing (Vcc = 5V)
193
VCC = 5V
tsu(D–C)
TAiIN input
TAiOUT input
During event counter mode
TBiIN input
CLKi
TxDi
RxDi
tc(TA)
tw(TAH)
tw(TAL)
tc(UP)
tw(UPH)
tw(UPL)
tc(TB)
tw(TBH)
tw(TBL)
tc(AD)
tw(ADL)
tc(CK)
tw(CKH)
tw(CKL)
tw(INL)
tw(INH)
td(C–Q)
th(C–D)
th(C–Q)
th(TIN–UP)
tsu(UP–TIN)
TAiIN input
(When count on falling
edge is selected)
TAiIN input
(When count on rising
edge is selected)
TAiOUT input
(Up/down input)
INTi input
ADTRG input
Figure 1.26.2. VCC=5V timing diagram (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com