Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 212 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 212 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 208Page - Renesas Technology Corp M30620ECFS Datasheet HTML 209Page - Renesas Technology Corp M30620ECFS Datasheet HTML 210Page - Renesas Technology Corp M30620ECFS Datasheet HTML 211Page - Renesas Technology Corp M30620ECFS Datasheet HTML 212Page - Renesas Technology Corp M30620ECFS Datasheet HTML 213Page - Renesas Technology Corp M30620ECFS Datasheet HTML 214Page - Renesas Technology Corp M30620ECFS Datasheet HTML 215Page - Renesas Technology Corp M30620ECFS Datasheet HTML 216Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 621 page
background image
t
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Timing (Vcc = 5V)
197
Memory Expansion Mode and Microprocessor Mode
(When accessing external memory area with wait, and select multiplexed bus)
BCLK
CSi
ALE
RD
4ns.min
tcyc
ADi
BHE
ADi
/DBi
td(AD–ALE)
Read timing
0ns.min
BCLK
CSi
ALE
–4ns.min
4ns.min
4ns.min
tcyc
ADi
BHE
ADi
/DBi
Write timing
Address
Measuring conditions :
• VCC=5V
• Input timing voltage : Determined with VIL=0.8V, VIH=2.5V
• Output timing voltage : Determined with VOL=0.8V, VOH=2.0V
(tcyc/2)ns.min
Address
Data input
(tcyc/2)ns.min
td(BCLK–ALE)
(tcyc/2)ns.min
th(WR–CS)
Address
(tcyc*3/2–40)ns.min
td(BCLK–ALE)
(tcyc/2)ns.min
(tcyc/2-25)ns.min
Address
25ns.max
tSU(DB–RD)
tac3(RD–DB)
(tcyc/2)ns.min
th(ALE–AD)
30ns.min
td(AD–RD)
0ns.min
tdz(RD–AD)
8ns.max
td(AD–WR)
0ns.min
Data output
WR,WRL,
WRH
td(BCLK–CS)
25ns.max
th(RD–CS)
th(BCLK–CS)
4ns.min
th(BCLK–AD)
th(RD–DB)
0ns.min
40ns.min
25ns.max
td(BCLK–AD)
–4ns.min
th(BCLK–ALE)
td(BCLK–RD)
25ns.max
th(RD–AD)
th(BCLK–RD)
0ns.min
td(BCLK–CS)
25ns.max
th(BCLK–CS)
th(BCLK–DB)
4ns.min
th(WR–DB)
td(DB–WR)
th(BCLK–AD)
td(AD–ALE)
(tcyc/2–25)ns.min
td(BCLK–AD)
25ns.max
25ns.max
th(BCLK–ALE)
25ns.max
td(BCLK–WR)
th(BCLK–WR)
th(WR–AD)
td(BCLK–DB)
40ns.max
VCC = 5V
Figure 1.26.6. VCC=5V timing diagram (5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com