Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 215 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 215 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 211Page - Renesas Technology Corp M30620ECFS Datasheet HTML 212Page - Renesas Technology Corp M30620ECFS Datasheet HTML 213Page - Renesas Technology Corp M30620ECFS Datasheet HTML 214Page - Renesas Technology Corp M30620ECFS Datasheet HTML 215Page - Renesas Technology Corp M30620ECFS Datasheet HTML 216Page - Renesas Technology Corp M30620ECFS Datasheet HTML 217Page - Renesas Technology Corp M30620ECFS Datasheet HTML 218Page - Renesas Technology Corp M30620ECFS Datasheet HTML 219Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 621 page
background image
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Timing (Vcc = 3V)
200
Timing requirements (referenced to VCC = 3V, VSS = 0V at Ta = 25oC unless otherwise specified)
9
10
Min.
Data input setup time
ns
tsu(DB-RD)
tsu(RDY-BCLK )
Parameter
Symbol
Unit
Max.
Standard
RDY input setup time
ns
Data input hold time
ns
th(RD-DB)
th(BCLK -RDY)
ns
RDY input hold time
ns
HOLD input setup time
tsu(HOLD-BCLK )
ns
HOLD input hold time
th(BCLK-HOLD )
Data input access time (no wait)
ns
tac1(RD-DB)
ns
ns
tac2(RD-DB)
tac3(RD-DB)
Data input access time (with wait)
Data input access time (when accessing multiplex bus area)
ns
HLDA output delay time
td(BCLK-HLDA)
80
60
0
0
80
0
(Note)
(Note)
(Note)
Note: Calculated according to the BCLK frequency as follows:
100
ns
ns
ns
ns
ns
tc
tw(H)
tw(L)
tr
tf
Max.
Min.
Parameter
Symbol
Unit
Standard
External clock rise time
External clock input
cycle time
External clock input
HIGH pulse width
External clock input
LOW pulse width
External clock fall time
143
60
60
18
18
tac1(RD – DB) =
f(BCLK) X 2
– 90
[ns]
tac2(RD – DB) =
f(BCLK) X 2
– 90
3 X 10
9
[ns]
tac3(RD – DB) =
f(BCLK) X 2
– 90
3 X 10
9
[ns]
EPROM, One-time PROM
Mask ROM, Flash memory (5V version)
EPROM, One-time PROM
Mask ROM, Flash memory (5V version)
EPROM, One-time PROM
Mask ROM, Flash memory (5V version)
ns
100
ns
40
ns
40
VCC = 3V
Table 1.26.25. External clock input
Table 1.26.26. Memory expansion and microprocessor modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com