Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 254 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 254 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 250Page - Renesas Technology Corp M30620ECFS Datasheet HTML 251Page - Renesas Technology Corp M30620ECFS Datasheet HTML 252Page - Renesas Technology Corp M30620ECFS Datasheet HTML 253Page - Renesas Technology Corp M30620ECFS Datasheet HTML 254Page - Renesas Technology Corp M30620ECFS Datasheet HTML 255Page - Renesas Technology Corp M30620ECFS Datasheet HTML 256Page - Renesas Technology Corp M30620ECFS Datasheet HTML 257Page - Renesas Technology Corp M30620ECFS Datasheet HTML 258Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 621 page
background image
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
CPU Rewrite Mode (Flash Memory Version)
239
Flash memory control register 0
Symbol
Address
When reset
FMR0
03B716
XX0000012
W
R
b7
b6
b5
b4
b3
b2 b1
b0
FMR00
Bit symbol
Bit name
Function
RW
0: Busy (being written or erased)
1: Ready
CPU rewrite mode
select bit (Note 1)
0: Normal mode
(Software commands invalid)
1: CPU rewrite mode
(Software commands acceptable)
FMR01
0: Boot ROM area is accessed
1: User ROM area is accessed
Lock bit disable bit
(Note 2)
0: Block lock by lock bit data is
enabled
1: Block lock by lock bit data is
disabled
Flash memory reset bit
(Note 3)
0: Normal operation
1: Reset
Nothing is assigned.
When write, set "0". When read, values are indeterminate.
User ROM area select bit (
Note 4) (Effective in only
boot mode)
FMR02
FMR03
FMR05
0
Note 1: For this bit to be set to “1”, the user needs to write a “0” and then a “1” to
it in succession. When it is not this procedure, it is not enacted in “1”.
This is necessary to ensure that no interrupt or DMA transfer will be
executed during the interval. Use the control program except in the
internal flash memory for write to this bit.
Note 2: For this bit to be set to “1”, the user needs to write a “0” and then a “1” to
it in succession when the CPU rewrite mode select bit = “1”. When it is
not this procedure, it is not enacted in “1”. This is necessary to ensure
that no interrupt or DMA transfer will be executed during the interval.
Note 3: Effective only when the CPU rewrite mode select bit = 1. Set this bit to 0
subsequently after setting it to 1 (reset).
Note 4: Use the control program except in the internal flash memory for write to
this bit.
RY/BY status flag
Flash memory control register 1
Symbol
Address
When reset
FMR1
03B616
XXXX0XXX2
W
R
b7
b6
b5 b4
b3
b2
b1
b0
Bit symbol
Bit name
Function
RW
Flash memory power
supply-OFF bit (Note)
0: Flash memory power supply is
connected
1: Flash memory power supply-off
FMR13
0
Note : For this bit to be set to “1”, the user needs to write a “0” and then a “1” to
it in succession. When it is not this procedure, it is not enacted in “1”.
This is necessary to ensure that no interrupt or DMA transfer will be
executed during the interval. Use the control program except in the
internal flash memory for write to this bit.
During parallel I/O mode,programming,erase or read of flash memory is
not controlled by this bit,only by external pins.
0
0
00
0
Reserved bit
Must always be set to “0”
Reserved bit
Must always be set to “0”
Reserved bit
Must always be set to “0”
0
Figure 1.29.1. Flash memory control registers
Bit 3 of the flash memory control register 1 turns power supply to the internal flash memory on/off. When
this bit is set to “1”, power is not supplied to the internal flash memory, thus power consumption can be
reduced. However, in this state, the internal flash memory cannot be accessed. To set this bit to “1”, it is
necessary to write “0” and then write “1” in succession. Use this bit mainly in the low speed mode (when
XCIN is the block count source of BCLK).
When the CPU is shifted to the stop or wait modes, power to the internal flash memory is automatically shut
off. It is reconnected automatically when CPU operation is restored. Therefore, it is not particularly neces-
sary to set flash memory control register 1.
Figure 1.29.2 shows a flowchart for setting/releasing the CPU rewrite mode. Figure 1.29.3 shows a flow-
chart for shifting to the low speed mode. Always perform operation as indicated in these flowcharts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com