Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 257 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 257 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 253Page - Renesas Technology Corp M30620ECFS Datasheet HTML 254Page - Renesas Technology Corp M30620ECFS Datasheet HTML 255Page - Renesas Technology Corp M30620ECFS Datasheet HTML 256Page - Renesas Technology Corp M30620ECFS Datasheet HTML 257Page - Renesas Technology Corp M30620ECFS Datasheet HTML 258Page - Renesas Technology Corp M30620ECFS Datasheet HTML 259Page - Renesas Technology Corp M30620ECFS Datasheet HTML 260Page - Renesas Technology Corp M30620ECFS Datasheet HTML 261Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 621 page
background image
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
CPU Rewrite Mode (Flash Memory Version)
242
Command
Page program
Clear status register
Read array
Read status register
X
X
X
X
(Note 3)
First bus cycle
Second bus cycle
Third bus cycle
FF16
7016
5016
4116
Write
Write
Write
Write
XSRD
Read
Write
Lock bit program
X
7716
Write
BA
D016
Write
Erase all unlock block
X
A716
Write
X
D016
Write
WA1
WD1
Write
(Note 2)
WA0(Note 3) WD0 (Note 3)
Block erase
X
2016
Write
D016
Write
BA (Note 4)
Read lock bit status
X
7116
Write
BA
D6
Read
(Note 5)
Mode
Address
Mode
Address
Mode
Address
Data
(D0 to D7)
Data
(D0 to D7)
Data
(D0 to D7)
(Note 6)
Note 1: When a software command is input, the high-order byte of data (D8 to D15) is ignored.
Note 2: SRD = Status Register Data
Note 3: WA = Write Address, WD = Write Data
WA and WD must be set sequentially from 0016 to FE16 (byte address; however, an even address). The page size is
256 bytes.
Note 4: BA = Block Address (Enter the maximum address of each block that is an even address.)
Note 5: D6 corresponds to the block lock status. Block not locked when D6 = 1, block locked when D6 = 0.
Note 6: X denotes a given address in the user ROM area (that is an even address).
Software Commands
Table 1.29.1 lists the software commands available with the M16C/62 (flash memory version).
After setting the CPU rewrite mode select bit to 1, write a software command to specify an erase or
program operation. Note that when entering a software command, the upper byte (D8 to D15) is ignored.
The content of each software command is explained below.
Table 1.29.1. List of Software Commands (CPU Rewrite Mode)
Read Array Command (FF16)
The read array mode is entered by writing the command code “FF16” in the first bus cycle. When an
even address to be read is input in one of the bus cycles that follow, the content of the specified
address is read out at the data bus (D0–D15), 16 bits at a time.
The read array mode is retained intact until another command is written.
Read Status Register Command (7016)
When the command code “7016” is written in the first bus cycle, the content of the status register is
read out at the data bus (D0–D7) by a read in the second bus cycle.
The status register is explained in the next section.
Clear Status Register Command (5016)
This command is used to clear the bits SR3 to 5 of the status register after they have been set. These
bits indicate that operation has ended in an error. To use this command, write the command code
“5016” in the first bus cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com