Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 292 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 292 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 288Page - Renesas Technology Corp M30620ECFS Datasheet HTML 289Page - Renesas Technology Corp M30620ECFS Datasheet HTML 290Page - Renesas Technology Corp M30620ECFS Datasheet HTML 291Page - Renesas Technology Corp M30620ECFS Datasheet HTML 292Page - Renesas Technology Corp M30620ECFS Datasheet HTML 293Page - Renesas Technology Corp M30620ECFS Datasheet HTML 294Page - Renesas Technology Corp M30620ECFS Datasheet HTML 295Page - Renesas Technology Corp M30620ECFS Datasheet HTML 296Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 292 / 621 page
background image
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Protect
277
Figure 2.1.1. Protect register
Protect register
Symbol
Address
When reset
PRCR
000A16
XXXXX0002
Bit name
Bit symbol
b7
b6
b5
b4
b3
b2
b1
b0
0 : Write-inhibited
1 : Write-enabled
PRC1
PRC0
PRC2
Enables writing to processor mode
registers 0 and 1 (addresses 000416
and 000516)
Function
0 : Write-inhibited
1 : Write-enabled
Enables writing to system clock
control registers 0 and 1 (addresses
000616 and 000716
)
Enables writing to port P9 direction
register (address 03F316) and SI/Oi
control register (i=3,4) (addresses
036216 and 036616) (Note
)
0 : Write-inhibited
1 : Write-enabled
W
R
Nothing is assigned.
In an attempt to write to these bits, write “0”. The value, if read, turns out to be
indeterminate.
Note: Writing a value to an address after “1” is written to this bit returns the bit
to “0” . Other bits do not automatically return to “0” and they must therefore
be reset by the program.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com