Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 288 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 288 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 284Page - Renesas Technology Corp M30620ECFS Datasheet HTML 285Page - Renesas Technology Corp M30620ECFS Datasheet HTML 286Page - Renesas Technology Corp M30620ECFS Datasheet HTML 287Page - Renesas Technology Corp M30620ECFS Datasheet HTML 288Page - Renesas Technology Corp M30620ECFS Datasheet HTML 289Page - Renesas Technology Corp M30620ECFS Datasheet HTML 290Page - Renesas Technology Corp M30620ECFS Datasheet HTML 291Page - Renesas Technology Corp M30620ECFS Datasheet HTML 292Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 288 / 621 page
background image
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
273
Differences between M30622MC and M30612MC
Type Name
M30622MC
M30612MC
Serial I/O
UART/clocked SI/O · · · · · 3 channel
Clocked SI/O · · · · · · · · · · 2 channel
UART/clocked SI/O · · · · · 3 channels
Port function
P90 · · · · · TB0IN/CLK3
P91 · · · · · TB1IN/SIN3
P92 · · · · · TB2IN/SOUT3
P93 · · · · · TB3IN/DA0
P94 · · · · · TB4IN/DA1
P95 · · · · · ANEX0/CLK4
P96 · · · · · ANEX1/SOUT4
P97 · · · · · ADTRG/SIN4
P15 · · · · · D13/INT3
P16 · · · · · D14/INT4
P17 · · · · · D15/INT5
P71 · · · · · RXD2/TA0IN/TB5IN
P90 · · · · · TB0IN
P91 · · · · · TB1IN
P92 · · · · · TB2IN
P93 · · · · · DA0
P94 · · · · · DA1
P95 · · · · · ANEX0
P96 · · · · · ANEX1
P97 · · · · · ADTRG
P15 · · · · · D13
P16 · · · · · D14
P17 · · · · · D15
P71 · · · · · RXD2/TA0IN
Interrupt cause
Internal 20 sources
External 5 sources
Software 4 sources
Internal 25 sources
External 8 sources
Software 4 sources
(Added two Serial I/O, three
timers and 3external interrupts)
Three-phase inverter
control circuit
PWM output for three-phase inverter
can be performed using timer A4, A1
and A2.
Output port is arranged to P72 to P75,
P80 and P81.
Impossible
IIC bus mode
UART2 used
IIC bus interface can be performed
with software
Impossible
Memory space
Memory expansion is possible
1.2M bytes mode
4M bytes mode
1M byte fixed
Timer B
6 channels
3 channels
Chip select
CS0 : 3000016 to FFFFF16
CS1 : 2800016 to 2FFFF16
CS2 : 0800016 to 27FFF16
CS3 : 0400016 to 07FFF16
M30612MC type and the type as
below can be switched
(Besides 4M-byte mode is possible.)
CS0 : 0400016 to 3FFFF16 (fetch)
4000016 to FFFFF16 (data/facth)
CS1 : 2800016 to 2FFFF16 (data)
CS2 : 0800016 to 27FFF16 (data)
CS3 : 0400016 to 07FFF16 (data)
Read port P1
By setting to register, the state of port
register can be read always.
The state of port when input mode.
The state of port register when output
mode.
P44/CS0 - P47/CS3
pin pull-up resistors
If a Vcc level is applied to the CNVss
pin, bit 2 (PU11) of pull-up control
register 1 turns to "1" when reset, and
P44/ CS0 - P47/ CS3 turn involved in
pull-up.
Bit 2 (PU11) of the pull-up control
register 1 turns to "0" when reset, and
P44/ CS0 - P47/ CS3 turn free from pull-
up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com