Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 284 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 284 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 280Page - Renesas Technology Corp M30620ECFS Datasheet HTML 281Page - Renesas Technology Corp M30620ECFS Datasheet HTML 282Page - Renesas Technology Corp M30620ECFS Datasheet HTML 283Page - Renesas Technology Corp M30620ECFS Datasheet HTML 284Page - Renesas Technology Corp M30620ECFS Datasheet HTML 285Page - Renesas Technology Corp M30620ECFS Datasheet HTML 286Page - Renesas Technology Corp M30620ECFS Datasheet HTML 287Page - Renesas Technology Corp M30620ECFS Datasheet HTML 288Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 284 / 621 page
background image
Appendix Standard Serial I/O Mode (Flash Memory Version)
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
269
Status Register 1 (SRD1)
Status register 1 indicates the status of serial communications, results from ID checks and results from
check sum comparisons. It can be read after the SRD by writing the read status register command (7016).
Also, status register 1 is cleared by writing the clear status register command (5016).
Table 1.31.3 gives the definition of each status register 1 bit. “0016” is output when power is turned ON
and the flag status is maintained even after the reset.
Table 1.31.3. Status register 1 (SRD1)
Boot Update Completed Bit (SR15)
This flag indicates whether the control program was downloaded to the RAM or not, using the down-
load function.
Check Sum Consistency Bit (SR12)
This flag indicates whether the check sum matches or not when a program, is downloaded for execu-
tion using the download function.
ID Check Completed Bits (SR11 and SR10)
These flags indicate the result of ID checks. Some commands cannot be accepted without an ID
check.
Data Reception Time Out (SR9)
This flag indicates when a time out error is generated during data reception. If this flag is attached
during data reception, the received data is discarded and the microcomputer returns to the command
wait state.
SRD1 bits
SR15 (bit7)
SR14 (bit6)
SR13 (bit5)
SR12 (bit4)
SR11 (bit3)
SR10 (bit2)
SR9 (bit1)
SR8 (bit0)
Status name
Boot update completed bit
Reserved
Reserved
Checksum match bit
ID check completed bits
Data receive time out
Reserved
Definition
"1"
"0"
Update completed
-
-
Match
00
01
10
11
Not update
-
-
Mismatch
Normal operation
-
Not verified
Verification mismatch
Reserved
Verified
Time out
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com