Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 281 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 281 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 277Page - Renesas Technology Corp M30620ECFS Datasheet HTML 278Page - Renesas Technology Corp M30620ECFS Datasheet HTML 279Page - Renesas Technology Corp M30620ECFS Datasheet HTML 280Page - Renesas Technology Corp M30620ECFS Datasheet HTML 281Page - Renesas Technology Corp M30620ECFS Datasheet HTML 282Page - Renesas Technology Corp M30620ECFS Datasheet HTML 283Page - Renesas Technology Corp M30620ECFS Datasheet HTML 284Page - Renesas Technology Corp M30620ECFS Datasheet HTML 285Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 281 / 621 page
background image
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Appendix Standard Serial I/O Mode (Flash Memory Version)
266
Data Protection (Block Lock)
Each of the blocks in Figure 1.30.1 have a nonvolatile lock bit that specifies protection (block lock) against
erasing/writing. A block is locked (writing “0” for the lock bit) with the lock bit program command. Also, the
lock bit of any block can be read with the read lock bit status command.
Block lock disable/enable is determined by the status of the lock bit itself and execution status of the lock
bit disable and lock enable bit commands.
(1) After the reset has been cancelled and the lock bit enable command executed, the specified block
can be locked/unlocked using the lock bit (lock bit data). Blocks with a “0” lock bit data are locked
and cannot be erased or written in. On the other hand, blocks with a “1” lock bit data are unlocked
and can be erased or written in.
(2) After the lock bit enable command has been executed, all blocks are unlocked regardless of lock bit
data status and can be erased or written in. In this case, lock bit data that was “0” before the block
was erased is set to “1” (unlocked) after erasing, therefore the block is actually unlocked with the
lock bit.
0C000016
0D000016
Block 6 : 64K byte
Block 5 : 64K byte
0E000016
Block 4 : 64K byte
0F000016
Block 3 : 32K byte
0F800016
Block 2 : 8K byte
0FA00016
Block 1 : 8K byte
Block 0 : 16K byte
0FC00016
User ROM area
0FFFFF16
Flash memory
size
Flash memory
start address
256K byte
0C000016
Figure 1.31.18. Blocks in the user area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com