Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 278 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 278 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 274Page - Renesas Technology Corp M30620ECFS Datasheet HTML 275Page - Renesas Technology Corp M30620ECFS Datasheet HTML 276Page - Renesas Technology Corp M30620ECFS Datasheet HTML 277Page - Renesas Technology Corp M30620ECFS Datasheet HTML 278Page - Renesas Technology Corp M30620ECFS Datasheet HTML 279Page - Renesas Technology Corp M30620ECFS Datasheet HTML 280Page - Renesas Technology Corp M30620ECFS Datasheet HTML 281Page - Renesas Technology Corp M30620ECFS Datasheet HTML 282Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 278 / 621 page
background image
Appendix Standard Serial I/O Mode (Flash Memory Version)
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
263
Lock Bit Disable Command
This command disables the lock bit. The command code “7516” is sent in the 1st byte of the serial
transmission. This command only disables the lock bit function; it does not set the lock bit itself.
However, if an erase command is executed after executing the lock bit disable command, “0” (locked)
lock bit data is set to “1” (unlocked) after the erase operation ends. In any case, after the reset is
cancelled, the lock bit is enabled.
7516
CLK1
RxD1
TxD1
RTS1(BUSY)
(M16C reception data)
(M16C transmit data)
FA16
Program
data
Program
data
Data size (high)
Data size (low)
Check
sum
CLK1
RxD1
TxD1
RTS1(BUSY)
(M16C reception data)
(M16C transmit data)
Figure 1.31.13. Timing for download
Download Command
This command downloads a program to the RAM for execution. Execute the download command as
explained here following.
(1) Send the “FA16” command code in the 1st byte of the transmission.
(2) Send the program size in the 2nd and 3rd bytes of the transmission.
(3) Send the check sum in the 4th byte of the transmission. The check sum is added to all data sent
in the 5th byte onward.
(4) The program to execute is sent in the 5th byte onward.
When all data has been transmitted, if the check sum matches, the downloaded program is executed.
The size of the program will vary according to the internal RAM.
Figure 1.31.12. Timing for disabling the lock bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com