Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 274 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 274 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 270Page - Renesas Technology Corp M30620ECFS Datasheet HTML 271Page - Renesas Technology Corp M30620ECFS Datasheet HTML 272Page - Renesas Technology Corp M30620ECFS Datasheet HTML 273Page - Renesas Technology Corp M30620ECFS Datasheet HTML 274Page - Renesas Technology Corp M30620ECFS Datasheet HTML 275Page - Renesas Technology Corp M30620ECFS Datasheet HTML 276Page - Renesas Technology Corp M30620ECFS Datasheet HTML 277Page - Renesas Technology Corp M30620ECFS Datasheet HTML 278Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 274 / 621 page
background image
Appendix Standard Serial I/O Mode (Flash Memory Version)
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
259
Figure 1.31.5. Timing for clearing the status register
Page Program Command
This command writes the specified page (256 bytes) in the flash memory sequentially one byte at a
time. Execute the page program command as explained here following.
(1) Send the “4116” command code in the 1st byte of the transmission.
(2) Send addresses A8 to A15 and A16 to A23 in the 2nd and 3rd bytes of the transmission respectively.
(3) From the 4th byte onward, as write data (D0–D7) for the page (256 bytes) specified with addresses
A8 to A23 is input sequentially from the smallest address first, that page is automatically written.
When reception setup for the next 256 bytes ends, the RTS1 (BUSY) signal changes from the “H” to
the “L” level. The result of the page program can be known by reading the status register. For more
information, see the section on the status register.
Each block can be write-protected with the lock bit. For more information, see the section on the data
protection function. Additional writing is not allowed with already programmed pages.
CLK1
RxD1
TxD1
RTS1(BUSY)
5016
(M16C reception data)
(M16C transmit data)
Clear Status Register Command
This command clears the bits (SR3–SR5) which are set when the status register operation ends in
error. When the “5016” command code is sent in the 1st byte of the transmission, the aforementioned
bits are cleared. When the clear status register operation ends, the RTS1 (BUSY) signal changes
from the “H” to the “L” level.
CLK1
RxD1
TxD1
RTS1(BUSY)
A8 to
A15
A16 to
A23
4116
data0
data255
(M16C reception data)
(M16C transmit data)
Figure 1.31.6. Timing for the page program



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com