Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 277 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 277 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 273Page - Renesas Technology Corp M30620ECFS Datasheet HTML 274Page - Renesas Technology Corp M30620ECFS Datasheet HTML 275Page - Renesas Technology Corp M30620ECFS Datasheet HTML 276Page - Renesas Technology Corp M30620ECFS Datasheet HTML 277Page - Renesas Technology Corp M30620ECFS Datasheet HTML 278Page - Renesas Technology Corp M30620ECFS Datasheet HTML 279Page - Renesas Technology Corp M30620ECFS Datasheet HTML 280Page - Renesas Technology Corp M30620ECFS Datasheet HTML 281Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 277 / 621 page
background image
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Appendix Standard Serial I/O Mode (Flash Memory Version)
262
7A16
CLK1
RxD1
TxD1
RTS1(BUSY)
(M16C reception data)
(M16C transmit data)
Read Lock Bit Status Command
This command reads the lock bit status of the specified block. Execute the read lock bit status com-
mand as explained here following.
(1) Send the “7116” command code in the 1st byte of the transmission.
(2) Send addresses A8 to A15 and A16 to A23 in the 2nd and 3rd bytes of the transmission respec-
tively.
(3) The lock bit data of the specified block is output in the 4th byte of the transmission. Write the
highest address of the specified block for addresses A8 to A23.
CLK1
RxD1
TxD1
RTS1(BUSY)
A8 to
A15
A16 to
A23
7116
DQ6
(M16C reception data)
(M16C transmit data)
Figure 1.31.10. Timing for reading lock bit status
Figure 1.31.11. Timing for enabling the lock bit
Lock Bit Enable Command
This command enables the lock bit in blocks whose bit was disabled with the lock bit disable com-
mand. The command code “7A16” is sent in the 1st byte of the serial transmission. This command only
enables the lock bit function; it does not set the lock bit itself.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com