Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 273 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 273 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 269Page - Renesas Technology Corp M30620ECFS Datasheet HTML 270Page - Renesas Technology Corp M30620ECFS Datasheet HTML 271Page - Renesas Technology Corp M30620ECFS Datasheet HTML 272Page - Renesas Technology Corp M30620ECFS Datasheet HTML 273Page - Renesas Technology Corp M30620ECFS Datasheet HTML 274Page - Renesas Technology Corp M30620ECFS Datasheet HTML 275Page - Renesas Technology Corp M30620ECFS Datasheet HTML 276Page - Renesas Technology Corp M30620ECFS Datasheet HTML 277Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 621 page
background image
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Appendix Standard Serial I/O Mode (Flash Memory Version)
258
Page Read Command
This command reads the specified page (256 bytes) in the flash memory sequentially one byte at a
time. Execute the page read command as explained here following.
(1) Send the “FF16” command code in the 1st byte of the transmission.
(2) Send addresses A8 to A15 and A16 to A23 in the 2nd and 3rd bytes of the transmission respec-
tively.
(3) From the 4th byte onward, data (D0–D7) for the page (256 bytes) specified with addresses A8 to
A23 will be output sequentially from the smallest address first in sync with the rise of the clock.
data0
data255
CLK1
RxD1
TxD1
RTS1(BUSY)
A8 to
A15
A16 to
A23
FF16
(M16C reception data)
(M16C transmit data)
SRD
output
SRD1
output
CLK1
RxD1
TxD1
RTS1(BUSY)
7016
(M16C reception data)
(M16C transmit data)
Figure 1.31.3. Timing for page read
Read Status Register Command
This command reads status information. When the “7016” command code is sent in the 1st byte of the
transmission, the contents of the status register (SRD) specified in the 2nd byte of the transmission
and the contents of status register 1 (SRD1) specified in the 3rd byte of the transmission are read.
Figure 1.31.4. Timing for reading the status register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com