Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 271 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 271 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 267Page - Renesas Technology Corp M30620ECFS Datasheet HTML 268Page - Renesas Technology Corp M30620ECFS Datasheet HTML 269Page - Renesas Technology Corp M30620ECFS Datasheet HTML 270Page - Renesas Technology Corp M30620ECFS Datasheet HTML 271Page - Renesas Technology Corp M30620ECFS Datasheet HTML 272Page - Renesas Technology Corp M30620ECFS Datasheet HTML 273Page - Renesas Technology Corp M30620ECFS Datasheet HTML 274Page - Renesas Technology Corp M30620ECFS Datasheet HTML 275Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 621 page
background image
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Appendix Standard Serial I/O Mode (Flash Memory Version)
256
Standard Serial I/O Mode
The standard serial I/O mode serially inputs and outputs the software commands, addresses and data
necessary for operating (read, program, erase, etc.) the internal flash memory. It uses a purpose-specific
peripheral unit.
The standard serial I/O mode differs from the parallel I/O mode in that the CPU controls operations like
rewriting (uses the CPU rewrite mode) in the flash memory or serial input for rewriting data. The standard
_____
serial I/O mode is started by clearing the reset with an “H” level signal at the P50 (CE) pin, an “L” signal at
________
the P55 (EPM) pin and an “H” level at the CNVss pin. (For the normal microprocessor mode, set CNVss to
“L”.)
This control program is written in the boot ROM area when shipped from Mitsubishi Electric. Therefore, if
the boot ROM area is rewritten in the parallel I/O mode, the standard serial I/O mode cannot be used.
Figures 1.31.1 and 1.31.2 show the pin connections for the standard serial I/O mode. Serial data I/O uses
four UART1 pins: CLK1, RxD1, TxD1 and RTS1 (BUSY).
The CLK1 pin is the transfer clock input pin and it inputs the external transfer clock. The TxD1 pin outputs
the CMOS signal. The RTS1 (BUSY) pin outputs an “L” level when reception setup ends and an “H” level
when the reception operation starts. Transmission and reception data is transferred serially in 8-byte
blocks.
In the standard serial I/O mode, only the user ROM area shown in Figure 1.31.1 can be rewritten, the boot
ROM area cannot.
The standard serial I/O mode has a 7-byte ID code. When the flash memory is not blank and the ID code
does not match the content of the flash memory, the command sent from the peripheral unit (programmer)
is not accepted.
Function Overview (Standard Serial I/O Mode)
In the standard serial I/O mode, software commands, addresses and data are input and output between
the flash memory and an external device (peripheral unit, etc.) using a 4-wire clock synchronized serial I/
O (UART1). In reception, the software commands, addresses and program data are synchronized with
the rise of the transfer clock input to the CLK1 pin and input into the flash memory via the RxD1 pin.
In transmission, the read data and status are synchronized with the fall of the transfer clock and output to
the outside from the TxD1 pin.
The TxD1 pin is CMOS output. Transmission is in 8-bit blocks and LSB first.
When busy, either during transmission or reception, or while executing an erase operation or program,
the RTS1 (BUSY) pin is “H” level. Accordingly, do not start the next transmission until the RTS1 (BUSY)
pin is “L” level.
Also, data in memory and the status register can be read after inputting a software command. It is pos-
sible to check flash memory operating status or whether a program or erase operation ended success-
fully or in error by reading the status register.
Software commands and the status register are explained here following.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com