Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 268 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 268 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 264Page - Renesas Technology Corp M30620ECFS Datasheet HTML 265Page - Renesas Technology Corp M30620ECFS Datasheet HTML 266Page - Renesas Technology Corp M30620ECFS Datasheet HTML 267Page - Renesas Technology Corp M30620ECFS Datasheet HTML 268Page - Renesas Technology Corp M30620ECFS Datasheet HTML 269Page - Renesas Technology Corp M30620ECFS Datasheet HTML 270Page - Renesas Technology Corp M30620ECFS Datasheet HTML 271Page - Renesas Technology Corp M30620ECFS Datasheet HTML 272Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 268 / 621 page
background image
Appendix Standard Serial I/O Mode (Flash Memory Version)
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
253
Pin
Description
VCC,VSS
Apply program/erase protection voltage to Vcc pin and 0 V to Vss pin.
CNVSS
Connect to Vcc pin.
RESET
Reset input pin. While reset is "L" level, a 20 cycle or longer clock
must be input to XIN pin.
XIN
Connect a ceramic resonator or crystal oscillator between XIN and
XOUT pins. To input an externally generated clock, input it to XIN pin
and open XOUT pin.
XOUT
BYTE
Connect this pin to Vcc or Vss.
AVCC, AVSS
VREF
Connect AVSS to Vss and AVcc to Vcc, respectively.
Enter the reference voltage for AD from this pin.
P00 to P07
Input "H" or "L" level signal or open.
P10 to P17
Input "H" or "L" level signal or open.
P20 to P27
Input "H" or "L" level signal or open.
P30 to P37
Input "H" or "L" level signal or open.
P40 to P47
Input "H" or "L" level signal or open.
P51 to P54,
P56, P57
Input "H" or "L" level signal or open.
P50
Input "H" level signal.
P55
Input "L" level signal.
P60 to P63
Input "H" or "L" level signal or open.
P64
BUSY signal output pin
P65
Serial clock input pin
P66
Serial data input pin
P67
Serial data output pin
P70 to P77
Input "H" or "L" level signal or open.
P80 to P84, P86,
P87
Input "H" or "L" level signal or open.
P90 to P97
Input "H" or "L" level signal or open.
P100 to P107
Input "H" or "L" level signal or open.
Name
Power input
CNVSS
Reset input
Clock input
Clock output
BYTE
Analog power supply input
Reference voltage input
Input port P0
Input port P1
Input port P2
Input port P3
Input port P4
Input port P5
CE input
EPM input
Input port P6
BUSY output
SCLK input
RxD input
TxD output
Input port P7
Input port P8
Input port P9
Input port P10
I/O
I
I
I
O
I
I
I
I
I
I
I
I
I
I
I
O
I
I
O
I
I
I
I
P85
NMI input
I
Connect this pin to Vcc.
Pin functions (Flash memory standard serial I/O mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com