Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 272 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 272 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 268Page - Renesas Technology Corp M30620ECFS Datasheet HTML 269Page - Renesas Technology Corp M30620ECFS Datasheet HTML 270Page - Renesas Technology Corp M30620ECFS Datasheet HTML 271Page - Renesas Technology Corp M30620ECFS Datasheet HTML 272Page - Renesas Technology Corp M30620ECFS Datasheet HTML 273Page - Renesas Technology Corp M30620ECFS Datasheet HTML 274Page - Renesas Technology Corp M30620ECFS Datasheet HTML 275Page - Renesas Technology Corp M30620ECFS Datasheet HTML 276Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 621 page
background image
Appendix Standard Serial I/O Mode (Flash Memory Version)
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
257
Software Commands
Table 1.31.1 lists software commands. In the standard serial I/O mode, erase operations, programs and
reading are controlled by transferring software commands via the RxD pin. Software commands are
explained here below.
Table 1.31.1. Software commands (Standard serial I/O mode)
Control command
2nd byte
3rd byte
4th byte 5th byte 6th byte
1
Page read
2
Page program
3
Block erase
4
Erase all unlocked blocks
5
Read status register
6
Clear status register
7
Read lockbit status
8
Lockbit program
9
Lockbit enable
10
Lockbit disable
11
ID check function
12
Download function
13
Version data output function
14
Boot area output function
Note1: Shading indicates transfer from flash memory microcomputer to peripheral unit. All other data is trans-
ferred from the peripheral unit to the flash memory microcomputer.
Note2: SRD refers to status register data. SRD1 refers to status register 1 data.
Note3: All commands can be accepted when the flash memory is totally blank.
When ID is
not verificate
Not
acceptable
Not
acceptable
Not
acceptable
Not
acceptable
Acceptable
Not
acceptable
Not
acceptable
Not
acceptable
Not
acceptable
Not
acceptable
Acceptable
Not
acceptable
Acceptable
Not
acceptable
Version
data output
to 9th byte
Data
output to
259th byte
Data
output to
259th
byte
Data input
to 259th
byte
To ID7
Data
output
Data
input
ID1
To
required
number
of times
Version
data
output
Data
output
Data
output
Data
input
ID size
Data
input
Version
data
output
Data
output
Data
output
Data
input
D016
Lock bit
data
output
D016
Address
(high)
Check-
sum
Version
data
output
Data
output
Address
(high)
Address
(high)
Address
(high)
SRD1
output
Address
(high)
Address
(high)
Address
(middle)
Size
(high)
Version
data
output
Address
(high)
Address
(middle)
Address
(middle)
Address
(middle)
D016
SRD
output
Address
(middle)
Address
(middle)
Address
(low)
Size
(low)
Version
data
output
Address
(middle)
FF16
4116
2016
A716
7016
5016
7116
7716
7A16
7516
F516
FA16
FB16
FC16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com