Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 282 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 282 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 278Page - Renesas Technology Corp M30620ECFS Datasheet HTML 279Page - Renesas Technology Corp M30620ECFS Datasheet HTML 280Page - Renesas Technology Corp M30620ECFS Datasheet HTML 281Page - Renesas Technology Corp M30620ECFS Datasheet HTML 282Page - Renesas Technology Corp M30620ECFS Datasheet HTML 283Page - Renesas Technology Corp M30620ECFS Datasheet HTML 284Page - Renesas Technology Corp M30620ECFS Datasheet HTML 285Page - Renesas Technology Corp M30620ECFS Datasheet HTML 286Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 282 / 621 page
background image
Appendix Standard Serial I/O Mode (Flash Memory Version)
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
267
Status Register (SRD)
The status register indicates operating status of the flash memory and status such as whether an erase
operation or a program ended successfully or in error. It can be read by writing the read status register
command (7016). Also, the status register is cleared by writing the clear status register command (5016).
Table 1.31.2 gives the definition of each status register bit. After clearing the reset, the status register
outputs “8016”.
Table 1.31.2. Status register (SRD)
Write State Machine (WSM) Status (SR7)
The write state machine (WSM) status indicates the operating status of the flash memory. When
power is turned on, “1” (ready) is set for it. The bit is set to “0” (busy) during an auto write or auto erase
operation, but it is set back to “1” when the operation ends.
Erase Status (SR5)
The erase status reports the operating status of the auto erase operation. If an erase error occurs, it is
set to “1”. When the erase status is cleared, it is set to “0”.
Program Status (SR4)
The program status reports the operating status of the auto write operation. If a write error occurs, it is
set to “1”. When the program status is cleared, it is set to “0”.
SRD0 bits
SR7 (bit7)
SR6 (bit6)
SR5 (bit5)
SR4 (bit4)
SR3 (bit3)
SR2 (bit2)
SR1 (bit1)
SR0 (bit0)
Status name
Write state machine (WSM) status
Reserved
Erase status
Program status
Block status after program
Reserved
Reserved
Reserved
Definition
"1"
"0"
Ready
-
Terminated in error
Terminated in error
Terminated in error
-
-
-
Busy
-
Terminated normally
Terminated normally
Terminated normally
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com