Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 323 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 323 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 319Page - Renesas Technology Corp M30620ECFS Datasheet HTML 320Page - Renesas Technology Corp M30620ECFS Datasheet HTML 321Page - Renesas Technology Corp M30620ECFS Datasheet HTML 322Page - Renesas Technology Corp M30620ECFS Datasheet HTML 323Page - Renesas Technology Corp M30620ECFS Datasheet HTML 324Page - Renesas Technology Corp M30620ECFS Datasheet HTML 325Page - Renesas Technology Corp M30620ECFS Datasheet HTML 326Page - Renesas Technology Corp M30620ECFS Datasheet HTML 327Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 323 / 621 page
background image
Timer A
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
308
2.2.13 Precautions for Timer A (timer mode)
Figure 2.2.28. Reading timer Ai register
(1) To clear reset, the count start flag is set to “0”. Set a value in the timer Ai register, then set the
flag to “1”.
(2) Reading the timer Ai register while a count is in progress allows reading, with arbitrary timing,
the value of the counter. Reading the timer Ai register with the reload timing shown in Figure
2.2.28 gets “FFFF16”. Reading the timer Ai register after setting a value in the timer Ai regis-
ter with a count halted but before the counter starts counting gets a proper value.
21
0
n
n – 1
Counter value (Hex.)
21
0
FFFF
n – 1
Read value (Hex.)
Reload
Time
n = reload register content



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com