Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 324 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 324 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 320Page - Renesas Technology Corp M30620ECFS Datasheet HTML 321Page - Renesas Technology Corp M30620ECFS Datasheet HTML 322Page - Renesas Technology Corp M30620ECFS Datasheet HTML 323Page - Renesas Technology Corp M30620ECFS Datasheet HTML 324Page - Renesas Technology Corp M30620ECFS Datasheet HTML 325Page - Renesas Technology Corp M30620ECFS Datasheet HTML 326Page - Renesas Technology Corp M30620ECFS Datasheet HTML 327Page - Renesas Technology Corp M30620ECFS Datasheet HTML 328Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 324 / 621 page
background image
Timer A
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
309
(1) To clear reset, the count start flag is set to “0”. Set a value in the timer Ai register, then set the
flag to “1”.
(2) Reading the timer Ai register while a count is in progress allows reading, with arbitrary timing,
the value of the counter. Reading the timer Ai register with the reload timing shown in Figure
2.2.29 gets “FFFF16” by underflow or “000016” by overflow. Reading the timer Ai register after
setting a value in the timer Ai register with a count halted but before the counter starts count-
ing gets a proper value.
(3) Please note the standards for the differences between the 2 pulses used in the 2-phase pulse
signals input signals to the TAiIN pin and TAiOUT pin (i = 2, 3, 4), as shown in Figure 2.2.30.
(4) When free run type is selected, if count is stopped, set a value in the timer Ai register again.
2.2.14 Precautions for Timer A (event counter mode)
Figure 2.2.30. Standard of 2-phase pulses
21
0
n
n – 1
Counter value
(Hex.)
21
0
FFFF
Read value
(Hex.)
Reload
Time
n = reload register content
(1) Down count
FFFD FFFE FFFF
n
n + 1
Counter value
(Hex.)
FFFD FFFE FFFF 0000 n + 1
Read value
(Hex.)
Reload
Time
n = reload register content
(2) Up count
n – 1
Figure 2.2.29. Reading timer Ai register
T1
T2
T3
TA2OUT
TA3OUT
TA4OUT
TA2IN
TA3IN
TA4IN
T1
(Min.)
T2, T3
(Min.)
Vcc = 5V, f(XIN) = 16MHz
800ns
200ns
T1
(Min.)
T2, T3
(Min.)
Vcc = 3V, f(XIN) = 10MHz, one-wait
2µs
500ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com