Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3028 Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # H8/3028
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028 Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button H8/3028 Datasheet HTML 37Page - Renesas Technology Corp H8/3028 Datasheet HTML 38Page - Renesas Technology Corp H8/3028 Datasheet HTML 39Page - Renesas Technology Corp H8/3028 Datasheet HTML 40Page - Renesas Technology Corp H8/3028 Datasheet HTML 41Page - Renesas Technology Corp H8/3028 Datasheet HTML 42Page - Renesas Technology Corp H8/3028 Datasheet HTML 43Page - Renesas Technology Corp H8/3028 Datasheet HTML 44Page - Renesas Technology Corp H8/3028 Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 923 page
background image
Rev. 2.00, 09/03, page 11 of 890
Pin No.
Type
Symbol
FP-100B
TFP-100B
I/O
Name and Function
A/D
converter
AN7 to AN0
85 to 78
Input
Analog 7 to 0: Analog input pins
ADTRG
90
Input
A/D conversion external trigger input:
External trigger input for starting A/D conversion
D/A
converter
DA1, DA0
85, 84
Output
Analog output: Analog output from the
D/A converter
A/D and
D/A
converters
AVCC
76
Input
Power supply pin for the A/D and D/A
converters. Connect to the system power supply
when not using the A/D and D/A converters.
AVSS
86
Input
Ground pin for the A/D and D/A converters.
Connect to system ground (0 V).
VREF
77
Input
Reference voltage input pin for the A/D and D/A
converters. Connect to the system power supply
when not using the A/D and D/A converters.
I/O ports
P17 to P10
43 to 36
Input/
output
Port 1: Eight input/output pins. The direction of
each pin can be selected in the port 1 data
direction register (P1DDR).
P27 to P20
52 to 45
Input/
output
Port 2: Eight input/output pins. The direction of
each pin can be selected in the port 2 data
direction register (P2DDR).
P37 to P30
34 to 27
Input/
output
Port 3: Eight input/output pins. The direction of
each pin can be selected in the port 3 data
direction register (P3DDR).
P47 to P40
26 to 23,
21 to 18
Input/
output
Port 4: Eight input/output pins. The direction of
each pin can be selected in the port 4 data
direction register (P4DDR).
P53 to P50
56 to 53
Input/
output
Port 5: Four input/output pins. The direction of
each pin can be selected in the port 5 data
direction register (P5DDR).
P67 to P60
61,
72 to 69,
60 to 58
Input/
output
Port 6: Eight input/output pins. The direction of
each pin can be selected in the port 6 data
direction register (P6DDR).
P77 to P70
85 to 78
Input
Port 7: Eight input pins
P84 to P80
91 to 87
Input/
output
Port 8: Five input/output pins. The direction of
each pin can be selected in the port 8 data
direction register (P8DDR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com