Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3028 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # H8/3028
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button H8/3028 Datasheet HTML 9Page - Renesas Technology Corp H8/3028 Datasheet HTML 10Page - Renesas Technology Corp H8/3028 Datasheet HTML 11Page - Renesas Technology Corp H8/3028 Datasheet HTML 12Page - Renesas Technology Corp H8/3028 Datasheet HTML 13Page - Renesas Technology Corp H8/3028 Datasheet HTML 14Page - Renesas Technology Corp H8/3028 Datasheet HTML 15Page - Renesas Technology Corp H8/3028 Datasheet HTML 16Page - Renesas Technology Corp H8/3028 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 923 page
background image
Rev. 2.00, 09/03, page xiii of xxx
Item
Page
Revision (See Manual for Details)
Table 21.5 Control
Signal Timing
653
Conditions amended
Conditions: VCC = 3.0 V to 3.6 V, AVCC = 3.0 V to 3.6 V, VREF = 3.0 V to
AVCC, VSS = AVSS = 0 V, Ta = –20°C to +75°C (regular
specifications), Ta = –40°C to +85°C (wide-range
specifications)
Table amended
RESO output delay time
tRESO
—
100
ns
Table 21.6 Bus Timing 654,
655
Conditions amended
Conditions: VCC = 3.0 V to 3.6 V, AVCC = 3.0 V to 3.6 V, VREF = 3.0 V to
AVCC, VSS = AVSS = 0 V, Ta = –20°C to +75°C (regular
specifications), Ta = –40°C to +85°C (wide-range
specifications)
Table amended
RAS precharge
time
tRP
1.5 tcyc – 25
—
ns
Figure 21.17 to
figure 21.19
CAS precharge
time
tCP
0.5 tcyc – 15
—
ns
Row address hold
time
tRAH
0.5 tcyc – 15
—
ns
Signal rise time
(all input pins
except EXTAL)
tSR
—
100
ns
Figure 21.28
Signal fall time
(all input pins
except EXTAL)
tSF
—
100
ns
Table 21.7 Timing of
On-Chip Supporting
Modules
656
Conditions amended
Conditions: VCC = 3.0 V to 3.6 V, AVCC = 3.0 V to 3.6 V, VREF = 3.0 V to
AVCC, VSS = AVSS = 0 V, Ta = –20°C to +75°C (regular
specifications), Ta = –40°C to +85°C (wide-range
specifications)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com