Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3028 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # H8/3028
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button H8/3028 Datasheet HTML 8Page - Renesas Technology Corp H8/3028 Datasheet HTML 9Page - Renesas Technology Corp H8/3028 Datasheet HTML 10Page - Renesas Technology Corp H8/3028 Datasheet HTML 11Page - Renesas Technology Corp H8/3028 Datasheet HTML 12Page - Renesas Technology Corp H8/3028 Datasheet HTML 13Page - Renesas Technology Corp H8/3028 Datasheet HTML 14Page - Renesas Technology Corp H8/3028 Datasheet HTML 15Page - Renesas Technology Corp H8/3028 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 923 page
background image
Rev. 2.00, 09/03, page xii of xxx
Item
Page
Revision (See Manual for Details)
21 Electrical
Characteristics
647 to
690
Preliminary deleted
647
Table amended
Operating temperature
Topr
Regular specifications:
–20 to +75
°C
21.1.1 Absolute
Maximum Ratings
Table 21.1 Absolute
Maximum Ratings
Wide-range specifications:
–40 to +85
°C
21.1.2 DC
Characteristics
Table 21.2 DC
Characteristics
648,
649
Conditions amended
Conditions: VCC = 3.0 V to 3.6 V, AVCC*
1 = 3.0 V to 3.6 V, VREF*1 = 3.0 V
to AVCC, VSS = AVSS*
1 = 0 V, Ta = –20°C to +75°C (regular
specifications), Ta = –40°C to +85°C (wide-range
specifications)
FWE and *4 deleted
Input high
voltage
STBY, RES,
NMI, MD2 to
MD0
Input low
voltage
STBY, RES,
MD2 to MD0
Input leakage
current
STBY, RES,
NMI, MD2 to
MD0
Table 21.3
Permissible Output
Currents
650
Conditions amended
Conditions: VCC = 3.0 V to 3.6 V, AVCC = 3.0 V to 3.6 V, VREF = 3.0 V to
AVCC, VSS = AVSS = 0 V, Ta = –20°C to +75°C (regular
specifications), Ta = –40°C to +85°C (wide-range
specifications)
21.1.3 AC
Characteristics
Table 21.4 Clock
Timing
652
Conditions amended
Conditions: VCC = 3.0 V to 3.6 V, AVCC = 3.0 V to 3.6 V, VREF = 3.0 V to
AVCC, VSS = AVSS = 0 V, Ta = –20°C to +75°C (regular
specifications), Ta = –40°C to +85°C (wide-range
specifications)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com