Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3028 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # H8/3028
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button H8/3028 Datasheet HTML 7Page - Renesas Technology Corp H8/3028 Datasheet HTML 8Page - Renesas Technology Corp H8/3028 Datasheet HTML 9Page - Renesas Technology Corp H8/3028 Datasheet HTML 10Page - Renesas Technology Corp H8/3028 Datasheet HTML 11Page - Renesas Technology Corp H8/3028 Datasheet HTML 12Page - Renesas Technology Corp H8/3028 Datasheet HTML 13Page - Renesas Technology Corp H8/3028 Datasheet HTML 14Page - Renesas Technology Corp H8/3028 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 923 page
background image
Rev. 2.00, 09/03, page xi of xxx
Item
Page
Revision (See Manual for Details)
473
Table amended
φφφφ (MHz)
25
Bit
Rate
(bit/s)
n
N
Error
(%)
110
3
110
–0.02
150
3
80
0.47
13.2.8 Bit Rate
Register (BRR)
Table 13.3 Examples
of Bit Rates and BRR
Settings in
Asynchronous Mode
300
2
162
–0.15
600
2
80
0.47
1200
1
162
–0.15
2400
1
80
0.47
4800
0
162
–0.15
9600
0
80
0.47
15.6 Usage Notes
Table 15.5 Analog
Input Pin Ratings
556
Note amended
Note: * When conversion time = 134 states, VCC = 3.0 V to 3.6 V,
and
φ ≤ 13 MHz. For details see section 21, Electrical
Characteristics.
18.12.1 Block Diagram
Figure 18.19 ROM
Block Diagram
622
Figure amended
H'5FFFE
Even addresses
19.2.1 Connecting a
Crystal Resonator
Table 19.1(1)
Damping Resistance
Value
626
Note amended
Note: A crystal resonator between 2 MHz and 25 MHz can be
used. If the chip is to be operated at less than 2 MHz, the
on-chip frequency divider should be used. (A crystal
resonator of less than 2 MHz cannot be used.)
629
Table amended
VCC = 3.0 V to 3.6 V
Item
Symbol Min
Max
Unit
Test Conditions
tEXL
0.3
0.7
tcyc
φ ≥ 5 MHz
External clock input low
pulse width
60
—
ns
φ < 5 MHz
Figure
19.6
tEXH
0.3
0.7
tcyc
φ ≥ 5 MHz
19.2.2 External Clock
Input
Table 19.3 Clock
Timing
External clock input high
pulse width
60
—
ns
φ < 5 MHz
External clock rise time
tEXr
—
5
ns
Figure 19.6
External clock fall time
tEXf
—5
ns
Clock low pulse width
tCL
0.4
0.6
tcyc
φ ≥ 5 MHz
80
—
ns
φ < 5 MHz
Figure
21.11
Clock high pulse width
tCH
0.4
0.6
tcyc
φ ≥ 5 MHz
80
—
ns
φ < 5 MHz
External clock output
settling delay time
tDEXT*
500
—
µs
Figure 19.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com