Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3028 Datasheet(PDF) 85 Page - Renesas Technology Corp

Part # H8/3028
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028 Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button H8/3028 Datasheet HTML 81Page - Renesas Technology Corp H8/3028 Datasheet HTML 82Page - Renesas Technology Corp H8/3028 Datasheet HTML 83Page - Renesas Technology Corp H8/3028 Datasheet HTML 84Page - Renesas Technology Corp H8/3028 Datasheet HTML 85Page - Renesas Technology Corp H8/3028 Datasheet HTML 86Page - Renesas Technology Corp H8/3028 Datasheet HTML 87Page - Renesas Technology Corp H8/3028 Datasheet HTML 88Page - Renesas Technology Corp H8/3028 Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 923 page
background image
Rev. 2.00, 09/03, page 55 of 890
Section 3 MCU Operating Modes
3.1
Overview
3.1.1
Operating Mode Selection
The H8/3028 Group has seven operating modes (modes 1 to 7) that are selected by the mode pins
(MD2 to MD0) as indicated in table 3.1. The input at these pins determines the size of the address
space and the initial bus mode.
Table 3.1
Operating Mode Selection
Description
Operating
Mode Pins
Initial Bus On-Chip
On-Chip
Mode
MD2
MD1
MD0
Address Space
Mode*
1
ROM
RAM
—
000
—
—
—
—
Mode 1
0
0
1
Expanded mode
8 bits
Disabled
Enabled*
2
Mode 2
0
1
0
Expanded mode
16 bits
Disabled
Enabled*
2
Mode 3
0
1
1
Expanded mode
8 bits
Disabled
Enabled*
2
Mode 4
1
0
0
Expanded mode
16 bits
Disabled
Enabled*
2
Mode 5
1
0
1
Expanded mode
8 bits
Enabled
Enabled*
2
Mode 6
1
1
0
Single-chip normal mode
—
Enabled
Enabled
Mode 7
1
1
1
Single-chip advanced
mode
—
Enabled
Enabled
Notes: 1. In modes 1 to 5, an 8-bit or 16-bit data bus can be selected on a per-area basis by
settings made in the area bus width control register (ABWCR). For details see
section 6, Bus Controller.
2. If the RAME bit in SYSCR is cleared to 0, these addresses become external addresses.
For the address space size there are three choices: 64 kbytes, 1 Mbyte, or 16 Mbyte.The external
data bus is either 8 or 16 bits wide depending on ABWCR settings. If 8-bit access is selected for
all areas, 8-bit bus mode is used. For details see section 6, Bus Controller.
Modes 1 to 4 are externally expanded modes that enable access to external memory and peripheral
devices and disable access to the on-chip ROM. Modes 1 and 2 support a maximum address space
of 1 Mbyte. Modes 3 and 4 support a maximum address space of 16 Mbytes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com