Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3028 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # H8/3028
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button H8/3028 Datasheet HTML 3Page - Renesas Technology Corp H8/3028 Datasheet HTML 4Page - Renesas Technology Corp H8/3028 Datasheet HTML 5Page - Renesas Technology Corp H8/3028 Datasheet HTML 6Page - Renesas Technology Corp H8/3028 Datasheet HTML 7Page - Renesas Technology Corp H8/3028 Datasheet HTML 8Page - Renesas Technology Corp H8/3028 Datasheet HTML 9Page - Renesas Technology Corp H8/3028 Datasheet HTML 10Page - Renesas Technology Corp H8/3028 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 923 page
background image
Rev. 2.00, 09/03, page vii of xxx
Main Revisions and Additions in this Edition
Item
Page
Revision (See Manual for Details)
1.2 Block Diagram
Figure 1.1 Block
Diagram
6
Figure amended
MD
MD
MD
EXTAL
XTAL
STBY
RES
NMI
2
1
0
Interrupt controller
φ/P67
LWR/P66
HWR/P65
RD/P64
AS/P63
BACK/P62
BREQ/P61
WAIT/P60
RESO/FWE*
ROM
(mask ROM or
flash memory)
9
Table amended
System
control
RES
63
Input
Reset input: When driven low,
this pin resets the chip
1.3.2 Pin Functions
Table 1.2 Pin
Functions
RESO
10
Output
Reset output (mask ROM
version): Outputs the reset signal
generated by the watchdog timer
to an external device
FWE
10
Input
Write enable signal (F-ZTAT
version): Flash memory write
control signal
7.4.8 DMAC Bus
Cycle
Figure 7.13 DMA
Transfer Bus Timing
(Example)
229
Figure amended
φ
RD
HWR
LWR
T1
T2
T1
T2
Td
T1
T2
T1
T2
T3
T1
T2
T3
T1
T2
T1
T2
CPU cycle
DMAC cycle (1 word transfer)
CPU cycle
Source
address
Destination address
Address
bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com