Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA1180 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA1180
Description  TV HORIZONTAL PROCESSOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA1180 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA1180 Datasheet HTML 1Page - STMicroelectronics TDA1180 Datasheet HTML 2Page - STMicroelectronics TDA1180 Datasheet HTML 3Page - STMicroelectronics TDA1180 Datasheet HTML 4Page - STMicroelectronics TDA1180 Datasheet HTML 5Page - STMicroelectronics TDA1180 Datasheet HTML 6Page - STMicroelectronics TDA1180 Datasheet HTML 7Page - STMicroelectronics TDA1180 Datasheet HTML 8Page - STMicroelectronics TDA1180 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TDA1180P
TV HORIZONTAL PROCESSOR
May 1993
DIP16
(Plastic Package)
ORDER CODE : TDA1180P
s
NOISE GATED HORIZONTAL SYNC SEPARA-
TOR
s
NOISE GATED VERTICAL SYNC SEPARATOR
s
HORIZONTAL
OSCILLATOR
WITH
FRE-
QUENCY RANGE LIMITER
s
PHASE
COMPARATOR
BETWEEN
SYNC
PULSES AND OSCILLATOR PULSES (PLL)
s
PHASE COMPARATOR BETWEEN FLYBACK
PULSES AND OSCILLATOR PULSES (PLL)
s
LOOP GAIN AND TIME CONSTANT SWITCH-
ING ( VCR)
s
COMPOSITE BLANKING AND KEY PULSE
GENERATOR
s
PROTECTION CIRCUITS
s
OUTPUT STAGES WITH HIGH CURRENT CA-
PABILITY
DESCRIPTION
The TDA1180P is a horizontal processor circuit for
b.w. and colour monitors. It is a monolithic inte-
grated circuit encapsulated in 16-lead dual in-line
plastic package.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
SUPPLY VOLTAGE
NEGATIVE OUTPUT
POSITIVE OUTPUT
PROTECTION CIRCUIT INPUT
PHASE SHIFTER FILTER
FLYBACK INPUT
KEY AND BLANKING PULSE OUTPUT
SYNC. SEPARATOR INPUT
GROUND
OSCILLATOR CONTROL CURRENT
CONTROL CURRENT OUTPUT
TIME CONSTANT SWITCH
OSCILLATOR
COINCIDENCE DETECTOR
VERTICAL SYNC. OUTPUT
VERTICAL SYNC. SEPARATOR INPUT
PIN CONNECTIONS
1/12


Similar Part No. - TDA1180

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TDA1185A MOTOROLA-TDA1185A Datasheet
515Kb / 9P
Triac Phase Angle Controller
More results

Similar Description - TDA1180

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1784 NTE-NTE1784 Datasheet
35Kb / 4P
Integrated Circuit TV Horizontal Processor
NTE815 NTE-NTE815 Datasheet
18Kb / 2P
Integrated Circuit TV Horizontal Processor
NTE836 NTE-NTE836 Datasheet
18Kb / 2P
Linear Integrated Circuit TV Horizontal Processor
logo
Toshiba Semiconductor
TA1217AN TOSHIBA-TA1217AN Datasheet
716Kb / 19P
TV-SOUND PROCESSOR
logo
Intersil Corporation
CA3126 INTERSIL-CA3126 Datasheet
112Kb / 9P
TV Chroma Processor
May 1999
CA3154 INTERSIL-CA3154 Datasheet
78Kb / 6P
TV Sync/AGC/Horizontal Signal Processor
May 1999
logo
Harris Corporation
CA1391 HARRIS-CA1391 Datasheet
51Kb / 4P
TV Horizontal Processors
CA3154 HARRIS-CA3154 Datasheet
83Kb / 6P
TV Sync/AGC/Horizontal Signal Processor
logo
Motorola, Inc
MC1391 MOTOROLA-MC1391 Datasheet
110Kb / 6P
TV HORIZONTAL PROCESSOR
logo
Unisonic Technologies
PC1031 UTC-PC1031_V01 Datasheet
95Kb / 4P
TV HORIZONTAL DEFLECTION HORIZONTAL DEFLECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com