Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA1180 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDA1180
Description  TV HORIZONTAL PROCESSOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA1180 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDA1180 Datasheet HTML 4Page - STMicroelectronics TDA1180 Datasheet HTML 5Page - STMicroelectronics TDA1180 Datasheet HTML 6Page - STMicroelectronics TDA1180 Datasheet HTML 7Page - STMicroelectronics TDA1180 Datasheet HTML 8Page - STMicroelectronics TDA1180 Datasheet HTML 9Page - STMicroelectronics TDA1180 Datasheet HTML 10Page - STMicroelectronics TDA1180 Datasheet HTML 11Page - STMicroelectronics TDA1180 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
9
8
11
765
12
13
15
14
16
2
1
4
3
Sandcastle
Output
Flyback
Input (100V)
Vert. Sync.
Output
Video Signal
Input
Frequency
C1 470nF
C3 220nF
C2
100pF
C4
100nF
C5
680nF
C7
10nF
C9
4.3nF
C8
220nF
S
+V
S
+V
S
+V
S
+V
R12
P2
R7
R9
Phase
C10
BC440
BU406D
6.8nF
R14
+32V
Q1
TDA1180P
R3
2.2M
Ω
R1
2.2k
Ω
R2
2.7k
Ω
R4
1.5M
Ω
R5
820k
Ω
R6
3.6k
Ω
R8
47k
Ω
R13
220k
Ω
P1
220k
Ω
1.2k
Ω
100k
Ω
R10
10k
Ω
R11
82k
Ω
22k
Ω
22k
Ω
220
Ω
120
Ω
560
Ω
C6
4.7
µF
10
µF
Figure 5 : Application Circuit for Large Screen Black & White and Colour TV
TDA1180P
R7
P2
R9
C6
C4
R12
C10
C9
R10
C5
C7
R3
R1
C3
R2
C2
C8
P1
R8
R13
R11
R6
Q1
R5
R14
R4
C1
OUTPUT PULSE
VERTICAL SYNC. OUTPUT
FLYBACK INPUT (100V)
SANDCASTLE OUTPUT
VIDEO SIGNAL INPUT
V
S
Figure 6 : P.C. Board and Component Layout for the Circuit in Figure 6 (1:1 scale)
TDA1180P
10/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com