Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA1180 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA1180
Description  TV HORIZONTAL PROCESSOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA1180 Datasheet(HTML) 5 Page - STMicroelectronics

  TDA1180 Datasheet HTML 1Page - STMicroelectronics TDA1180 Datasheet HTML 2Page - STMicroelectronics TDA1180 Datasheet HTML 3Page - STMicroelectronics TDA1180 Datasheet HTML 4Page - STMicroelectronics TDA1180 Datasheet HTML 5Page - STMicroelectronics TDA1180 Datasheet HTML 6Page - STMicroelectronics TDA1180 Datasheet HTML 7Page - STMicroelectronics TDA1180 Datasheet HTML 8Page - STMicroelectronics TDA1180 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ELECTRICAL CHARACTERISTICS (continued)
(refer to the test circuit, VS = 12V, TA = 25
oC, unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
OSCILLATOR
V14
Low Level Threshold Voltage
5.4
V
V14
High Level Threshold Voltage
8.2
V
I14
Charge Current
0.6
mA
I14
Discharge Current
0.3
mA
V15
Current Source Supply Voltage
3
V
I15
Current Source Supply Current
0.3
mA
fO
Free Running Frequency
15625
Hz
∆fO
fO
Adjustment Range
± 10
%
∆fO
∆I15
Frequency Control Sensitivity
52
Hz
µA
∆fO
Frequency Change when VS Drops to 4V
± 10
%
OSCILLATOR-FLYBACK PULSE PHASE COMPARATOR
V5
Control Voltage Range
9.4 to 8.2
V
I5
Peak Control Current
-0.6
+0.6
mA
I5
Input Current (blocked Phase Detector)
5
µA
tD
Permissible Delay between Output Pulse Leading
Edge and Flyback Pulse Leading Edge
tp - tf
µs
∆t
∆tD
Static Control Error
0.2
%
SYNC PULSE-OSCILLATOR PHASE COMPARATOR
V13
Control Voltage Range
4.6
to
1.4
V
I13
Control Peak Current
+2
-2.2
-2
mA
∆f
∆t
Phase Lock Loop Gain
2
kHz
µs
f
Catching and Holding Range
±
700
Hz
OVERALL PHASE RELATIONSHIP
tO
Phase Relation between Middle of Flyback Pulse
and Middle of Sync. Pulse
2.2
µs
∆V5
∆tO
Adjustment Sensitivity
65
mV
µs
∆I5
∆tO
Adjustment Sensitivity
16
µA
µs
TDA1180P
5/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com