Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA1180 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA1180
Description  TV HORIZONTAL PROCESSOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA1180 Datasheet(HTML) 4 Page - STMicroelectronics

  TDA1180 Datasheet HTML 1Page - STMicroelectronics TDA1180 Datasheet HTML 2Page - STMicroelectronics TDA1180 Datasheet HTML 3Page - STMicroelectronics TDA1180 Datasheet HTML 4Page - STMicroelectronics TDA1180 Datasheet HTML 5Page - STMicroelectronics TDA1180 Datasheet HTML 6Page - STMicroelectronics TDA1180 Datasheet HTML 7Page - STMicroelectronics TDA1180 Datasheet HTML 8Page - STMicroelectronics TDA1180 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ELECTRICAL CHARACTERISTICS (continued)
(refer to the test circuit, VS = 12V, TA = 25
oC, unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
PROTECTION CIRCUIT
V4
Input Voltage for Switching off the Output Pulses
Output Pulses OFF
Output Pulses ON
1
0.5
V
R4
Input Resistance
200
k
Ω
I4
Input Current
5
µA
FLYBACK PULSE
V6
Input Threshold Voltage of Blanking Generator
1.8
V
V6
Input Threshold Voltage of Phase Comparator
7.6
V
I6
Input Switching Current
V6
≥ 1.7V
0.45
mA
OUTPUT PULSE
V3
Peak-to-Peak Output Voltage
I3 = 150 mApp
10
V
I3
Output Current
V3 = 5V
500
mA
R3
Output Resistance
At Leading Edge of
output pulse
At Training Edge of
Output Pulse
3
20
Ω
Ω
tp
Output Pulse Duration
20
22
26
µs
COMPOSITE BLANKING AND KEY PULSE
V7k
Key Pulse Output Peak Voltage
9
11
V
V7B
Blanking Pulse Output Voltage
4.2
4.5
4.8
V
R7
Output Resistance
100
Ω
tsk
Phase Relation Between Trailing Edge of Key
Pulse and Middle of Sync. Input Pulse
2.7
µs
tk
Key Pulse Duration
3.5
3.8
µs
tfb
Delay between Flyback Pulse and Blanking Pulse
V6 = 1.7V
0.2
µs
INTERNAL GATING PULSE
tg
Gating Pulse Duration
7.5
µs
t
Phase Relation between Middle of Sync. Pulse
and Trailing and Leading Edge of Gating Pulse
3.75
µs
COINCIDENCE DETECTOR
V11
Output Voltage
With Coincidence
Without Coincidence
6.8
4
V
V
I11
Peak Output Current
0.5
mA
VCR SWITCH
V11
Input Voltage
0 to 4 or 8.5 to 12
V
- I11
Output Current
35
µA
I11
Output Current
0.4
mA
TIME CONSTANT SWITCH
V12
Output Voltage
3V
R12
Output Resistance
4.5V < V11 < 8V
V11 > 8.5V or V11 < 4V
100
40
Ω
k
Ω
TDA1180P
4/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com