Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA1180 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA1180
Description  TV HORIZONTAL PROCESSOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA1180 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA1180 Datasheet HTML 4Page - STMicroelectronics TDA1180 Datasheet HTML 5Page - STMicroelectronics TDA1180 Datasheet HTML 6Page - STMicroelectronics TDA1180 Datasheet HTML 7Page - STMicroelectronics TDA1180 Datasheet HTML 8Page - STMicroelectronics TDA1180 Datasheet HTML 9Page - STMicroelectronics TDA1180 Datasheet HTML 10Page - STMicroelectronics TDA1180 Datasheet HTML 11Page - STMicroelectronics TDA1180 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
10
9
8
11
76
5
12
13
15
14
16
2
1
4
3
Sandcastle
Output
Flyback
Input (100V)
Vert. Sync.
Output
Video Signal
Input
Frequency
C1 470nF
C3 220nF
C2
100pF
C4
100nF
C5
680nF
C7
10nF
C9
4.3nF
C8
220nF
S
+V
S
+V
S
+V
S
+V
R12
P2
R7
R9
15nF
BU407D
+10.8V
R3
2.2M
Ω
R1
2.2k
Ω
R2
2.7k
Ω
R4
1.5M
Ω
R8
47k
Ω
R5
820k
Ω
R6
3.6k
Ω
1.2k
Ω
100k
Ω
R10
10k
Ω
R11
82k
Ω
22k
Ω
22k
Ω
68
Ω
15
Ω
TDA1180P
C6
4.7
µF
100
µF
10
µF
Figure 7 : Application Circuit for Small Screen b.w. TV
10
9
8
11
76
5
12
13
15
14
16
2
1
4
3
Sandcastle
Output
Flyback
Input (100V)
Vert. Sync.
Output
Video Signal
Input
Frequency
C1 470nF
C3 220nF
C2
100pF
C4
100nF
C5
680nF
C7
10nF
C9
4.3nF
C8
220nF
S
+V
S
+V
S
+V
S
+V
R12
P2
22k
Ω
22k
Ω
R7
R9
BU806 or
BU807
TDA1180P
R3
2.2M
Ω
R1
2.2k
Ω
R2
2.7k
Ω
R4
1.5M
Ω
R5
820k
Ω
R6
3.6k
Ω
R8
47k
Ω
1.2k
Ω
100k
Ω
R10
10k
Ω
R11
82k
Ω
C6
4.7
µF
100
µF
82
Ω
4.7
µF
33
Ω
Figure 8 : Application Circuit for Darlington Output Stage
TDA1180P
11/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com