Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA1180 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA1180
Description  TV HORIZONTAL PROCESSOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA1180 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA1180 Datasheet HTML 1Page - STMicroelectronics TDA1180 Datasheet HTML 2Page - STMicroelectronics TDA1180 Datasheet HTML 3Page - STMicroelectronics TDA1180 Datasheet HTML 4Page - STMicroelectronics TDA1180 Datasheet HTML 5Page - STMicroelectronics TDA1180 Datasheet HTML 6Page - STMicroelectronics TDA1180 Datasheet HTML 7Page - STMicroelectronics TDA1180 Datasheet HTML 8Page - STMicroelectronics TDA1180 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth (j-a)
Thermal Resistance Junction-Ambient
Max
80
oC/W
ELECTRICAL CHARACTERISTICS
(refer to the test circuit, VS = 12V, TA = 25
oC, unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VS
Supply voltage range
9.5
12
13.2
V
IS
Supply current
I3 = 0
42
52
mA
VS
Supply voltage at which the output pulses
(at pin 2 and 3) are switched off
4V
HORIZONTAL SYNC. SEPARATOR
VI
Peak to peak input signal
1
3
6
V
V8
Input switching voltage
I8 = 80
µA
1.5
V
I8
Input switching current
V8 = 1.4V
10
µA
I8
Leakage current
V8 = -5V
1
µA
VERTICAL SYNC. SEPARATOR
VI
Peak to Peak Input Signal
1
3
6
V
V9
Input Switching Voltage
I9= 80
µA
1.5
V
I9
Input Switching Current
V9 = 1.4V
5
µA
I9
Leakage Current
V9 = -5V
1
µA
V10
Vertical Sync. Pulse Output Voltage
No Load Pin10
11
V
R10
Output Resistance
10
k
Ω
tLV
Delay between Leading Edge of Input and Output
Signals
17
µs
tLV
Delay between Trailing Edge of Input and Output
Signals
50
µs
tV
Vertical Sync Pulse Duration
190
µs
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VS
Supply voltage (Pin 1)
15
V
V2
Voltage at Pin 2
18
V
V4
Voltage at Pin 4
VS
V8
Voltage at Pin 8
- 6 , VS
V
V9
Voltage at Pin 9
± 6V
V11
Voltage at Pin 11
VS
I2
Pin 2 peak current
1
A
I3
Pin 3 peak current
0.5
A
I6
Pin 6 current
30
mA
I7
Pin 7 current
20
mA
I10
Pin 10 current
30
mA
Ptot
Total power dissipation at Tamb
≤ 70oC1
W
Tstg , Tj
Storage and junction temperature
- 40 , + 150
oC
TDA1180P
3/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com