Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38048FEHKP Datasheet(PDF) 161 Page - Renesas Technology Corp

Part # M38048FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38048FEHKP Datasheet(HTML) 161 Page - Renesas Technology Corp

Back Button M38048FEHKP Datasheet HTML 157Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 158Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 159Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 160Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 161Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 162Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 163Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 164Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 165Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 387 page
background image
2-37
APPLICATION
2.3 Timer
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
Fig. 2.3.21 Control procedure
RESET
P4
P4D
ICON1
TZM
TYZCSS
TZL
TZH
1
1XXXXXXX2
0
(address 000816), bit7
(address 000916)
(address 003E16), bit0
(address 002A16)
(address 000F16)
(address 002816)
(address 002916)
TZM
(address 002A16), bit6
1
0
Main processing
Initialization
q X: This bit is not used here. Set it to “0” or “1” arbitrarily.
•Timer Z interrupt disabled
•Timer Z count stopped; Buzzer output stopped
•Timer Z: Pulse output mode
•Timer Z count source: f(XIN)/16
•Set (division ratio – 1) to timer Z
X10X00012
0011XXXX2
122–1
0
Output unit
Buzzer request ?
Yes
Stop of piezoelectric buzzer
output
No
Start of piezoelectric buzzer output
•Processing buzzer request, generated during main
processing, in output unit
TZM
(address 002A16), bit6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com