Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38048FEHKP Datasheet(PDF) 163 Page - Renesas Technology Corp

Part # M38048FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38048FEHKP Datasheet(HTML) 163 Page - Renesas Technology Corp

Back Button M38048FEHKP Datasheet HTML 159Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 160Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 161Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 162Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 163Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 164Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 165Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 166Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 167Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 387 page
background image
2-39
APPLICATION
2.3 Timer
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
Fig. 2.3.23 Relevant registers setting
TM
PRE12
64 – 1
T1
10
1
1
PREY
TY
8 – 1
1 – 1
255
ICON1
0
IREQ1
0
b0
b7
b0
b7
b0
b7
b0
b7
b0
b7
b0
b7
b0
b7
Timer Y interrupt: Disabled
Timer 1 interrupt: Enabled
Timer XY mode register (address 002316)
Timer Y operating mode: Event counter mode
Timer Y count: Stop
Clear to “0” when starting count
Prescaler 12 (address 002016)
Timer Y (address 002716)
Set “division ratio – 1”
Interrupt control register 1 (address 003E16)
CNTR1 active edge switch: Falling edge count
Prescaler Y (address 002616)
Timer 1 (address 002116)
Interrupt request register 1 (address 003C16)
Judgment of Timer Y interrupt request bit
( “1” of this bit when reading the count value indicates the 256 or more
pulses input in the condition of Timer Y = 255)
Set 255 just before counting pulses
(After a certain time has passed, the number of input
pulses is decreased from this value.)
1
T12XCSS
0
b0
b7
f(XIN)/32: select
Timer 12, X count source selection register (address 000E16)
0
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com