Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38048FEHKP Datasheet(PDF) 164 Page - Renesas Technology Corp

Part # M38048FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38048FEHKP Datasheet(HTML) 164 Page - Renesas Technology Corp

Back Button M38048FEHKP Datasheet HTML 160Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 161Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 162Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 163Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 164Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 165Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 166Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 167Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 168Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 387 page
background image
2-40
APPLICATION
2.3 Timer
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
Fig. 2.3.24 Control procedure
(address 002316)
(address 000E16)
(address 002016)
(address 002116)
(address 002616)
(address 002716)
(address 003C16)
(address 003E16), bit6
RESET
SEI
TM
T12XCSS
PRE12
T1
PREY
TY
IREQ1
ICON1
TM
CLI
0
IREQ1(address 003C16), bit5 ?
0
1
RTI
TY (address 002716)
(A)
214 < (A) < 228
0
Fpulse
1
Fpulse
TY
(address 002716)
IREQ1 (address 003C16), bit5
256 – 1
0
(address 002316), bit7
q x: This bit is not used here. Set it to “0” or “1” arbitrary.
•All interrupts disabled
•Timer Y operating mode : Event counter mode
(Count a falling edge of pulses input from CNTR1 pin.)
•Set division ratio so that Timer 1 interrupt will occur at
2 ms intervals.
•Timer Y count start
•Interrupts enabled
Note 1: When using Index X mode flag (T)
Note 2: When using Decimal mode flag (D)
•Push registers used in interrupt process routine
•Pop registers pushed to stack
•Initialize the counter value
•Clear Timer Y interrupt request bit
Initialization
1110XXXX2
XXXX01002
64 – 1
8 – 1
1 – 1
255
X00XXXXX2
Timer 1 interrupt process routine
CLT (Note 1)
CLD (Note 2)
Push registers to stack
•Process as out of range when the count value is 256 or more
•Read the count value
•Store the count value into Accumulator (A)
In range
Out of range
•Compare the read value with
reference value
•Store the comparison result to
flag Fpulse
Process judgment result
Pop registers
•Timer 1, Y interrupt request bit cleared
•Timer 1 interrupt: Enabled
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com