Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38048FEHKP Datasheet(PDF) 292 Page - Renesas Technology Corp

Part # M38048FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38048FEHKP Datasheet(HTML) 292 Page - Renesas Technology Corp

Back Button M38048FEHKP Datasheet HTML 288Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 289Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 290Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 291Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 292Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 293Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 294Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 295Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 296Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 292 / 387 page
background image
3-2
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
APPENDIX
3.1 Electrical characteristics
3.1 ELECTRICAL CHARACTERISTICS
3.1.1 Absolute maximum ratings
Table 3.1.1 Absolute maximum ratings
Power source voltages
Input voltage
P00–P07, P10–P17, P20–P27,
P30, P31, P34–P37, P40–P47,
P50–P57, P60–P67, VREF
Input voltage
P32, P33
Input voltage
____________
RESET, XIN
Input voltage
CNVSS
Output voltage P00–P07, P10–P17, P20–P27,
P30, P31, P34–P37, P40–P47,
P50–P57, P60–P67, XOUT
Output voltage P32, P33
Power dissipation
Operating temperature
Storage temperature
VCC
VI
VI
VI
VI
VO
VO
Pd
Topr
Tstg
Symbol
Parameter
Conditions
Ratings
–0.3 to 6.5
–0.3 to VCC +0.3
–0.3 to 5.8
–0.3 to VCC +0.3
–0.3 to VCC +0.3
–0.3 to VCC +0.3
–0.3 to 5.8
1000 (Note)
–20 to 85
–65 to 125
V
V
V
V
V
V
V
mW
°C
°C
Unit
Note: This value is 300 mW except SP package.
All voltages are based on Vss.
Output transistors are cut off.
Ta = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com