Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38048FEHKP Datasheet(PDF) 295 Page - Renesas Technology Corp

Part # M38048FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38048FEHKP Datasheet(HTML) 295 Page - Renesas Technology Corp

Back Button M38048FEHKP Datasheet HTML 291Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 292Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 293Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 294Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 295Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 296Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 297Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 298Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 299Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 295 / 387 page
background image
3-5
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
APPENDIX
3.1 Electrical characteristics
Table 3.1.4 Recommended operating conditions (3)
(VCC = 2.7 to 5.5 V, VSS = 0V, Ta = –20 to 85 °C, unless otherwise noted)
–80
–80
80
80
80
–40
–40
40
40
40
–10
10
20
–5
5
10
“H” total peak output current
P00–P07, P10–P17, P20–P27, P30, P31, P34–P37 (Note 1)
“H” total peak output current
P40–P47, P50–P57, P60–P67 (Note 1)
“L” total peak output current
P00–P07, P10–P17, P30–P37 (Note 1)
“L” total peak output current
P20–P27 (Note 1)
“L” total peak output current
P40–P47,P50–P57, P60–P67 (Note 1)
“H” total average output current P00–P07, P10–P17, P20–P27, P30, P31, P34–P37 (Note 1)
“H” total average output current P40–P47,P50–P57, P60–P67 (Note 1)
“L” total average output current P00–P07, P10–P17, P30–P37 (Note 1)
“L” total average output current P20–P27 (Note 1)
“L” total average output current P40–P47,P50–P57, P60–P67 (Note 1)
“H” peak output current
P00–P07, P10–P17, P20–P27, P30, P31, P34–P37,
P40–P47, P50–P57, P60–P67 (Note 2)
“L” peak output current
P00–P07, P10–P17, P30–P37, P40–P47, P50–P57,
P60–P67 (Note 2)
“L” peak output current
P20–P27 (Note 2)
“H” average output current
P00–P07, P10–P17, P20–P27, P30, P31, P34–P37,
P40–P47, P50–P57, P60–P67 (Note 3)
“L” average output current
P00–P07, P10–P17, P30–P37, P40–P47, P50–P57,
P60–P67 (Note 3)
“L” average output current
P20–P27 (Note 3)
ΣIOH(peak)
ΣIOH(peak)
ΣIOL(peak)
ΣIOL(peak)
ΣIOL(peak)
ΣIOH(avg)
ΣIOH(avg)
ΣIOL(avg)
ΣIOL(avg)
ΣIOL(avg)
IOH(peak)
IOL(peak)
IOL(peak)
IOH(avg)
IOL(avg)
IOL(avg)
Symbol
Parameter
Limits
Min.
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
Unit
Typ.
Max.
Notes 1: The total output current is the sum of all the currents flowing through all the applicable ports. The total average current is an aver-
age value measured over 100 ms. The total peak current is the peak value of all the currents.
2: The peak output current is the peak current flowing in each port.
3: The average output current IOL(avg), IOH(avg) are average value measured over 100 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com